Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C111 Datasheet(PDF) 22 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 22 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 18Page - Microchip Technology LAN91C111 Datasheet HTML 19Page - Microchip Technology LAN91C111 Datasheet HTML 20Page - Microchip Technology LAN91C111 Datasheet HTML 21Page - Microchip Technology LAN91C111 Datasheet HTML 22Page - Microchip Technology LAN91C111 Datasheet HTML 23Page - Microchip Technology LAN91C111 Datasheet HTML 24Page - Microchip Technology LAN91C111 Datasheet HTML 25Page - Microchip Technology LAN91C111 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 125 page
background image
LAN91C111
DS00002276A-page 22
 2011-2016 Microchip Technology Inc.
On the transmit side for 100Mbps TX operation, data is received on the controller and then sent to the 4B5B encoder
for formatting. The encoded data is then sent to the scrambler. The scrambled and encoded data is then sent to the TP
transmitter. The TP transmitter converts the encoded and scrambled data into MLT-3 ternary format, reshapes the out-
put, and drives the twisted pair cable.
On the receive side for 100Mbps TX operation, the twisted pair receiver receives incoming encoded and scrambled MLT-
3 data from the twisted pair cable, remove any high frequency noise, equalizes the input signal to compensate for the
effects of the cable, qualifies the data with a squelch algorithm, and converts the data from MLT-3 coded twisted pair
levels to internal digital levels. The output of the twisted pair receiver then goes to a clock and data recovery block which
recovers a clock from the incoming data, uses the clock to latch in valid data into the device, and converts the data back
to NRZ format. The NRZ data is then unscrambled and decoded by the 4B5B decoder and descrambler, respectively,
and outputted to the Ethernet controller.
10Mbps operation is similar to the 100Mbps TX operation except, (1) there is no scrambler/descrambler, (2) the
encoder/decoder is Manchester instead of 4B5B, (3) the data rate is 10Mbps instead of 100Mbps, and (4) the twisted
pair symbol data is two level Manchester instead of ternary MLT-3.
The Management Interface, (hereafter referred to as the MI serial port), is a two pin bi-directional link through which
configuration inputs can be set and status outputs can be read. Each block plus the operating modes are described in
more detail in the following sections.
7.7.1
MII DISABLE
The internal PHY MII interface can be disabled by setting the MII disable bit in the MI serial port Control register. When
the MII is disabled, the MII inputs are ignored, the MII outputs are placed in high impedance state, and the TP output is
high impedance.
FIGURE 7-3:
TX/10BT FRAME FORMAT
PREAMBLE
SFD
DA
LLC DATA
FCS
SA
INTERFRAME
GAP
ETHERNET MAC
FRAME
LN
INTERFRAME
GAP
SSD
PREAMBLE
SFD
LLC DATA
FCS
DA
IDLE
100 BASE-TX DATA SYMBOLS
SA
IDLE
LN
ESD
= [ 1 1 1 1...]
= [ 0 1 1 0 1 0 0 1 1 1]
= [ DATA]
= [ 1 1]
= [ 1 0 1 0 ...] 62 BITS LONG
= [ 1 1 0 0 0 1 0 0 0 1]
ESD
DA, SA, LN, LLC DATA, FCS
SSD
PREAMBLE
SFD
IDLE
BEFORE / AFTER
4B5B ENCODING,
SCRAMBLING,
AND MLT3
CODING
PREAMBLE
SFD
LLC DATA
FCS
DA
IDLE
10 BASE-T DATA SYMBOLS
SA
IDLE
LN
SOI
= [ NO TRANSITIONS]
= [ 1 1 ] WITH NO MID BIT TRANSITION
= [ DATA]
= [ 1 1]
= [ 1 0 1 0 ... ] 62 BITS LONG
SOI
DA, SA, LN, LLC DATA, FCS
SFD
PREAMBLE
IDLE
BEFORE / AFTER
MANCHESTER
ENCODING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com