Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C111 Datasheet(PDF) 44 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 44 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 40Page - Microchip Technology LAN91C111 Datasheet HTML 41Page - Microchip Technology LAN91C111 Datasheet HTML 42Page - Microchip Technology LAN91C111 Datasheet HTML 43Page - Microchip Technology LAN91C111 Datasheet HTML 44Page - Microchip Technology LAN91C111 Datasheet HTML 45Page - Microchip Technology LAN91C111 Datasheet HTML 46Page - Microchip Technology LAN91C111 Datasheet HTML 47Page - Microchip Technology LAN91C111 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 125 page
background image
LAN91C111
DS00002276A-page 44
 2011-2016 Microchip Technology Inc.
SNGLCOL - Single collision detected for the last transmit frame. Set when a collision is detected. Cleared when TX_-
SUC is high at the end of the packet being sent.
TX_SUC - Last transmit was successful. Set if transmit completes without a fatal error. This bit is cleared by the start of
a new frame transmission or when TXENA is set high. Fatal errors are:
• 16 collisions (1/2 duplex mode only)
• SQET fail and STP_SQET = 1 (1/2 duplex mode only)
• Carrier lost and MON_CSN = 1 (1/2 duplex mode only)
• Late collision (1/2 duplex mode only)
8.7
Bank 0 - Receive Control Register
SOFT_RST - Software-Activated Reset. Active high. Initiated by writing this bit high and terminated by writing the bit
low. The LAN91C111’s configuration is not preserved except for Configuration, Base, and IA0-IA5 Registers. EEPROM
is not reloaded after software reset.
FILT_CAR - Filter Carrier. When set filters leading edge of carrier sense for 12 bit times (3 nibble times). Otherwise rec-
ognizes a receive frame as soon as carrier sense is active. (Does NOT filter RX DV on MII!)
ABORT_ENB - Enables abort of receive when collision occurs. Defaults low. When set, the LAN91C111 will automati-
cally abort a packet being received when the appropriate collision input is activated. This bit has no effect if the SWFDUP
bit in the TCR is set.
STRIP_CRC - When set, it strips the CRC on received frames. As a result, both the Byte Count and the frame format
do not contain the CRC. When clear, the CRC is stored in memory following the packet. Defaults low.
RXEN - Enables the receiver when set. If cleared, completes receiving current frame and then goes idle. Defaults low
on reset.
ALMUL - When set accepts all multicast frames (frames in which the first bit of DA is '1'). When clear accepts only the
multicast frames that match the multicast table setting. Defaults low.
PRMS - Promiscuous mode. When set receives all frames. Does not receive its own transmission unless it is in Full
Duplex!
RX_ABORT - This bit is set if a receive frame was aborted due to length longer than 2K bytes. The frame will not be
received. The bit is cleared by RESET or by the CPU writing it low.
Reserved - Must be 0.
OFFSET
NAME
TYPE
SYMBOL
4
RECEIVE CONTROL
REGISTER
READ/WRITE
RCR
HIGH
BYTE
SOFT
RST
FILT
CAR
ABORT_E
NB
Reserved
Reserved
Reserved
STRIP
CRC
RXEN
0
000
00
0
0
LOW
BYTE
Reserved
Reserved
Reserved
Reserved
Reserved
ALMUL
PRMS
RX_
ABORT
0
000
00
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com