Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C111 Datasheet(PDF) 56 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 56 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 52Page - Microchip Technology LAN91C111 Datasheet HTML 53Page - Microchip Technology LAN91C111 Datasheet HTML 54Page - Microchip Technology LAN91C111 Datasheet HTML 55Page - Microchip Technology LAN91C111 Datasheet HTML 56Page - Microchip Technology LAN91C111 Datasheet HTML 57Page - Microchip Technology LAN91C111 Datasheet HTML 58Page - Microchip Technology LAN91C111 Datasheet HTML 59Page - Microchip Technology LAN91C111 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 125 page
background image
LAN91C111
DS00002276A-page 56
 2011-2016 Microchip Technology Inc.
8.19
Bank 2 - Pointer Register
POINTER REGISTER - The value of this register determines the address to be accessed within the transmit or receive
areas. It will auto-increment on accesses to the data register when AUTO INCR. is set. The increment is by one for every
byte access, by two for every word access, and by four for every double word access. When RCV is set the address
refers to the receive area and uses the output of RX FIFO as the packet number, when RCV is clear the address refers
to the transmit area and uses the packet number at the Packet Number Register.
READ - Determines the type of access to follow. If the READ bit is high the operation intended is a read. If the READ
bit is low the operation is a write. Loading a new pointer value, with the READ bit high, generates a pre-fetch into the
Data Register for read purposes.
Readback of the pointer will indicate the value of the address last accessed by the CPU (rather than the last pre-
fetched). This allows any interrupt routine that uses the pointer, to save it and restore it without affecting the process
being interrupted. The Pointer Register should not be loaded until the Data Register FIFO is empty. The NOT EMPTY
bit of this register can be read to determine if the FIFO is empty. On reads, if ARDY is not connected to the host, the
Data Register should not be read before 370ns after the pointer was loaded to allow the Data Register FIFO to fill.
If the pointer is loaded using 8 bit writes, the low byte should be loaded first and the high byte last.
Reserved - Must be 0
NOT EMPTY - When set indicates that the Write Data FIFO is not empty yet. The CPU can verify that the FIFO is empty
before loading a new pointer value. This is a read only bit.
OFFSET
NAME
TYPE
SYMBOL
6
POINTER REGISTER
READ/WRITE
NOT EMPTY IS
A READ ONLY
BIT
PTR
HIGH
BYTE
RCV
AUTO
INCR.
READ
Reserved
NOT
EMPTY
POINTER HIGH
000
000
00
LOW
BYTE
POINTER LOW
000
000
00
Note:
If AUTO INCR. is not set, the pointer must be loaded with a dword aligned value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com