Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C111 Datasheet(PDF) 74 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 74 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 70Page - Microchip Technology LAN91C111 Datasheet HTML 71Page - Microchip Technology LAN91C111 Datasheet HTML 72Page - Microchip Technology LAN91C111 Datasheet HTML 73Page - Microchip Technology LAN91C111 Datasheet HTML 74Page - Microchip Technology LAN91C111 Datasheet HTML 75Page - Microchip Technology LAN91C111 Datasheet HTML 76Page - Microchip Technology LAN91C111 Datasheet HTML 77Page - Microchip Technology LAN91C111 Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 75
LAN91C111
9.9
Register 19. Mask - Structure and Bit Definition
INT:
Interrupt Detect
1 = Interrupt Bit(s) Have Changed
Since Last Read Operation.
0 = No Change
LNKFAIL:
Link Fail Detect
1 = Link Not Detected
0 = Normal
LOSSSYNC:
Descrambler Loss of
1 = Descrambler Has Lost
Synchronization
Synchronization Detect
0 = Normal
CWRD:
Codeword Error
1 = Invalid 4B5B Code Detected On
Receive Data
0 = Normal
SSD:
Start Of Stream Error
1 = No Start Of Stream Delimiter
Detected on Receive Data
0 = Normal
ESD:
End Of Stream Error
1 = No End Of Stream Delimiter
Detected on Receive Data
0 = Normal
RPOL:
Reverse Polarity Detect
1 = Reverse Polarity Detected
JAB:
Jabber Detect
1 = Jabber Detected
0 = Normal
SPDDET:
100/10 Speed Detect
1 = Device in 100Mbps Mode
(100BASE-TX)
0 = Device in 10Mbps Mode
(10BASE-T)
DPLXDET:
Duplex Detect
1 = Device In Full Duplex
0 = Device In Half Duplex
Reserved:
Reserved
Reserved for Factory Use
MINT
MLNKFAIL
MLOSSSYN
MCWRD
MSSD
MESD
MRPOL
MJAB
RW
RW
RW
RW
RW
RW
RW
RW
11
1
1
1
1
1
1
MSPDDT
MDPLDT
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
RW
RW
RW
RW
RW
RW
RW
RW
11
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com