Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C111 Datasheet(PDF) 1 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 1 Page - Microchip Technology

  LAN91C111 Datasheet HTML 1Page - Microchip Technology LAN91C111 Datasheet HTML 2Page - Microchip Technology LAN91C111 Datasheet HTML 3Page - Microchip Technology LAN91C111 Datasheet HTML 4Page - Microchip Technology LAN91C111 Datasheet HTML 5Page - Microchip Technology LAN91C111 Datasheet HTML 6Page - Microchip Technology LAN91C111 Datasheet HTML 7Page - Microchip Technology LAN91C111 Datasheet HTML 8Page - Microchip Technology LAN91C111 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 1
Highlights
• Single Chip Ethernet Controller
• Dual Speed - 10/100 Mbps
• Fully Supports Full Duplex Switched Ethernet
• Supports Burst Data Transfer
• 8 Kbytes Internal Memory for Receive and Trans-
mit FIFO Buffers
• Enhanced Power Management Features
• Optional Configuration via Serial EEPROM Inter-
face
• Supports 8, 16 and 32 Bit CPU Accesses
• Internal 32 Bit Wide Data Path (Into Packet Buffer
Memory)
• Built-in Transparent Arbitration for Slave Sequen-
tial Access Architecture
• Flat MMU Architecture with Symmetric Transmit
and Receive Structures and Queues
• 3.3V Operation with 5V Tolerant IO Buffers (See
Pin List Description for Additional Details)
• Single 25 MHz Reference Clock for Both PHY and
MAC
• External 25Mhz-output pin for an external PHY
supporting PHYs physical media.
• Low Power CMOS Design
• Supports Multiple Embedded Processor Host
Interfaces
-ARM
-SH
-Power PC
- Coldfire
- 680X0, 683XX
- MIPS R3000
• 3.3V MII (Media Independent Interface) MAC-
PHY Interface Running at Nibble Rate
• MII Management Serial Interface
• 128-Pin QFP RoHS compliant package
• 128-Pin TQFP 1.0 mm height RoHS compliant
package
• Commercial Temperature Range from 0
C to
70
C (LAN91C111)
• Industrial Temperature Range from -40
C to 85C
(LAN91C111i)
Network Interface
• Fully Integrated IEEE 802.3/802.3u-100Base-TX/
10Base-T Physical Layer
• Auto-Negotiation: 10/100, Full / Half Duplex
• On Chip Wave Shaping - No External Filters
Required
• Adaptive Equalizer
• Baseline Wander Correction
• LED Outputs (User selectable – Up to 2 LED func-
tions at one time)
-Link
- Activity
- Full Duplex
- 10/100
-Transmit
- Receive
LAN91C111
10/100 Non-PCI Ethernet Single Chip MAC + PHY


Similar Part No. - LAN91C111

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C111 SMSC-LAN91C111 Datasheet
1Mb / 142P
10/100 Non-PCI Ethernet Single Chip MAC PHY
logo
Pulse A Technitrol Comp...
LAN91C111 PULSE-LAN91C111 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
SMSC Corporation
LAN91C111-NC SMSC-LAN91C111-NC Datasheet
1Mb / 142P
10/100 Non-PCI Ethernet Single Chip MAC PHY
LAN91C111-NE SMSC-LAN91C111-NE Datasheet
1Mb / 142P
10/100 Non-PCI Ethernet Single Chip MAC PHY
LAN91C111-NS SMSC-LAN91C111-NS Datasheet
1Mb / 142P
10/100 Non-PCI Ethernet Single Chip MAC PHY
More results

Similar Description - LAN91C111

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C111 SMSC-LAN91C111 Datasheet
1Mb / 142P
10/100 Non-PCI Ethernet Single Chip MAC PHY
LAN9116 SMSC-LAN9116 Datasheet
1Mb / 126P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
logo
List of Unclassifed Man...
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
Integrated 10/100 Ethernet MAC PHY
logo
SMSC Corporation
LAN9118 SMSC-LAN9118_07 Datasheet
1Mb / 129P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Micrel Semiconductor
KSZ8851MQL MICREL-KSZ8851MQL Datasheet
59Kb / 2P
Single Port MAC/PHY Controller with Non PCI Interface
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
10/100 Ethernet MAC and PHY
logo
Microchip Technology
LAN9116 MICROCHIP-LAN9116 Datasheet
1,016Kb / 109P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9117 SMSC-LAN9117_08 Datasheet
1Mb / 136P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
LAN91C111 SMSC-LAN91C111_11 Datasheet
1Mb / 133P
10/100 Non-PCI Ethernet Single Chip MAC PHY
logo
Maxim Integrated Produc...
78Q8430 MAXIM-78Q8430 Datasheet
1Mb / 88P
78Q8430 10/100 Ethernet MAC and PHY
Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com