Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C111 Datasheet(PDF) 72 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 72 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 68Page - Microchip Technology LAN91C111 Datasheet HTML 69Page - Microchip Technology LAN91C111 Datasheet HTML 70Page - Microchip Technology LAN91C111 Datasheet HTML 71Page - Microchip Technology LAN91C111 Datasheet HTML 72Page - Microchip Technology LAN91C111 Datasheet HTML 73Page - Microchip Technology LAN91C111 Datasheet HTML 74Page - Microchip Technology LAN91C111 Datasheet HTML 75Page - Microchip Technology LAN91C111 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 73
LAN91C111
9.7
Register 17. Configuration 2 - Structure and Bit Definition
LNKDIS:
Link Disable
1 = Receive Link Detect Function
Disabled (Force Link Pass)
0 = Normal
XMTDIS:
TP Transmit
1 = TP Transmitter Disabled
0 = Normal
XMTPDN:
TP Transmit
1 = TP Transmitter Powered Down
Powerdown
0 = Normal
RESERVED:
RESERVED
Reserved, Must be 0 for Proper
Operation
BYPSCR:
Bypass
1 = Bypass Scrambler/Descrambler
Scrambler/Descr-
0 = No Bypass
ambler Select
UNSCDS:
Unscrambled Idle
1 = Disable Auto-Negotiation with
devices that transmit unscrambled
Reception Disable
idle on powerup and various
instances
0 = Enables Auto-Negotiation with
devices that transmit unscrambled
idle on powerup and various
instances
EQLZR:
Receive Equalizer
1 = Receive Equalizer Disabled, Set
To 0 Length
Select
0 = Receive Equalizer On (For
100MB Mode Only)
CABLE
Cable Type Select
1 = STP (150 Ohm)
0 = UTP (100 Ohm)
RLVL0
Receive Input
1 = Receive Squelch Levels Reduced
By 4.5 dB R/W
Level Adjust
0 = Normal
TLVL0-3
Transmit Output
See Table 7-2
Level Adjust
TRF0-1
Transmitter
11 = -0.25nS
Rise/Fall Time
10 = +0.0nS
Adjust
01 = +0.25nS
00 = +0.50nS
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
RR
R
R
R
R
R
R
11
1
1
1
1
1
1
Reserved
Reserved
APOLDIS
JABDIS
MREG
INTMDIO
Reserved
Reserved
R
R
RW
RW
RW
RW
RW
RW
00
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com