Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C111 Datasheet(PDF) 29 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 29 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 25Page - Microchip Technology LAN91C111 Datasheet HTML 26Page - Microchip Technology LAN91C111 Datasheet HTML 27Page - Microchip Technology LAN91C111 Datasheet HTML 28Page - Microchip Technology LAN91C111 Datasheet HTML 29Page - Microchip Technology LAN91C111 Datasheet HTML 30Page - Microchip Technology LAN91C111 Datasheet HTML 31Page - Microchip Technology LAN91C111 Datasheet HTML 32Page - Microchip Technology LAN91C111 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 29
LAN91C111
is used to sense the actual data transitions once the signal is determined to be valid. The output of the squelch compar-
ator goes to the squelch circuit and is also used for link pulse detection, SOI detection, and reverse polarity detection;
the output of the zero crossing comparator is used for clock and data recovery in the Manchester decoder.
7.7.8.3
TP Squelch - 100 Mbps
The squelch block determines if the TP input contains valid data. The 100 Mbps TP squelch is one of the criteria used
to determine link integrity. The squelch comparators compare the TP inputs against fixed positive and negative thresh-
olds, called squelch levels. The output from the squelch comparator goes to a digital squelch circuit which determines
if the receive input data on that channel is valid. If the data is invalid, the receiver is in the squelched state. If the input
voltage exceeds the squelch levels at least 4 times with alternating polarity within a 10
S interval, the data is considered
to be valid by the squelch circuit and the receiver now enters into the unsquelch state. In the unsquelch state, the receive
threshold level is reduced by approximately 30% for noise immunity reasons and is called the unsquelch level. When
the receiver is in the unsquelch state, then the input signal is deemed to be valid. The device stays in the unsquelch
state until loss of data is detected. Loss of data is detected if no alternating polarity unsquelch transitions are detected
during any 10
S interval. When the loss of data is detected, the receive squelch is turned on again.
7.7.8.4
TP Squelch, 10 Mbps
The TP squelch algorithm for 10 Mbps mode is identical to the 100 Mbps mode except, (1) the 10 Mbps TP squelch
algorithm is not used for link integrity but to sense the beginning of a packet, (2) the receiver goes into the unsquelch
state if the input voltage exceeds the squelch levels for three bit times with alternating polarity within a 50-250 nS inter-
val, (3) the receiver goes into the squelch state when idle is detected, (4) unsquelch detection has no affect on link integ-
FIGURE 7-5:
TP INPUT VOLTAGE TEMPLATE -10MBPS
3.1V
a. Short Bit
585mV
585 mV sin (
t/PW)
*
PW
0
Slope 0.5 V/ ns
3.1V
b. Long Bit
585mV
585 mV sin [2
(t - PW/2)/PW]
PW/4
0
PW
3PW/4
Slope 0.5 V/ ns
585 mV sin (2
t/PW)
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com