Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C111 Datasheet(PDF) 33 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 33 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 29Page - Microchip Technology LAN91C111 Datasheet HTML 30Page - Microchip Technology LAN91C111 Datasheet HTML 31Page - Microchip Technology LAN91C111 Datasheet HTML 32Page - Microchip Technology LAN91C111 Datasheet HTML 33Page - Microchip Technology LAN91C111 Datasheet HTML 34Page - Microchip Technology LAN91C111 Datasheet HTML 35Page - Microchip Technology LAN91C111 Datasheet HTML 36Page - Microchip Technology LAN91C111 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 33
LAN91C111
7.7.12.3
100BASE-TX Link Integrity Algorithm - 100Mbps
Since 100BASE-TX is defined to have an active idle signal, then there is no need to have separate link pulses like those
defined for 10BASE-T. The LAN91C111 uses the squelch criteria and descrambler synchronization algorithm on the
input data to determine if the device has successfully established a link with a remote device (called Link Pass State).
Refer to IEEE 802.3 for both of these algorithms for more details.
7.7.12.4
Auto-Negotiation Algorithm
As stated previously, the Auto-Negotiation algorithm is used for two purposes: (1) To automatically configure the device
for either 10/100 Mbps and Half/ Full Duplex modes, and (2) to establish an active link to and from a remote device. The
Auto-Negotiation algorithm is the same algorithm that is defined in IEEE 802.3 Clause 28. Auto-Negotiation uses a burst
of link pulses, called fast link pulses and referred to as FLP'S, to pass up to 16 bits of signaling data back and forth
between the LAN91C111 and a remote device. The transmit FLP pulses meet the templated specified in IEEE 802.3
and shown in Figure 7-7. A timing diagram contrasting NLP's and FLP's is shown in Figure 7-8.
FIGURE 7-7:
LINK PULSE OUTPUT VOLTAGE TEMPLATE - NLP, FLP
0
BT
1.3
BT
2.0
BT
4.0
BT
+50 mV
-50 mV
4.0
BT
42.0
BT
3.1 V
0.5 V/ns
0.5
BT 0.6
BT
300 mV
200 mV
585 mV
+50 mV
-50 mV
2.0
BT
0.85
BT
-3.1 V
0.25
BT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com