Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C111 Datasheet(PDF) 15 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 15 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 11Page - Microchip Technology LAN91C111 Datasheet HTML 12Page - Microchip Technology LAN91C111 Datasheet HTML 13Page - Microchip Technology LAN91C111 Datasheet HTML 14Page - Microchip Technology LAN91C111 Datasheet HTML 15Page - Microchip Technology LAN91C111 Datasheet HTML 16Page - Microchip Technology LAN91C111 Datasheet HTML 17Page - Microchip Technology LAN91C111 Datasheet HTML 18Page - Microchip Technology LAN91C111 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 15
LAN91C111
6.0
SIGNAL DESCRIPTION PARAMETERS
This section provides a detailed description of each Microchip LAN91C111 signal. The signals are arranged in functional
groups according to their associated function.
The ‘n’ symbol at the beginning of a signal name indicates that it is an active low signal. When ‘n’ is not present before
the signal name, it indicates an active high signal.
The term “assert” or “assertion” indicates that a signal is active; independent of whether that level is represented by a
high or low voltage. The term negates or negation indicates that a signal is inactive.
The term High-Z means tri-stated.
The term Undefined means the signal could be high, low, tri-stated, or in some in-between level.
6.1
Buffer Types
DC levels and conditions defined in the DC Electrical Characteristics section.
O4
Output buffer with 2mA source and 4mA sink
O12
Output buffer with 6mA source and 12mA sink
O16
Output buffer with 8mA source and 16mA sink
O24
Output buffer with 12mA source and 24mA sink
OD16
Open drain buffer with 16mA sink
OD24
Open drain buffer with 24mA sink
I/O4
Bidirectional buffer with 2mA source and 4mA sink
I/O24
Bidirectional buffer with 12mA source and 24mA sink
I/OD
Bidirectional Open drain buffer with 4mA sink
I
Input buffer
IS
Input buffer with Schmitt Trigger Hysteresis
Iclk
Clock input buffer
I/O
Differential Input
O/I
Differential Output
**
5V tolerant. Input pins are able to accept 5V signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com