Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C111 Datasheet(PDF) 13 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 13 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 9Page - Microchip Technology LAN91C111 Datasheet HTML 10Page - Microchip Technology LAN91C111 Datasheet HTML 11Page - Microchip Technology LAN91C111 Datasheet HTML 12Page - Microchip Technology LAN91C111 Datasheet HTML 13Page - Microchip Technology LAN91C111 Datasheet HTML 14Page - Microchip Technology LAN91C111 Datasheet HTML 15Page - Microchip Technology LAN91C111 Datasheet HTML 16Page - Microchip Technology LAN91C111 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 13
LAN91C111
7
9
EEPROM Data
Out
EEDO
O4
Output. Connected to the DI input of the
serial EEPROM.
8
10
EEPROM Data
In
EEDI
I with
pulldown**
Input. Connected to the DO output of the
serial EEPROM.
3-5
5-7
I/O Base
IOS0-IOS2
I with
pullup**
Input. External switches can be
connected to these lines to select
between predefined EEPROM
configurations.
68
Enable
EEPROM
ENEEP
I with
pullup**
Input. Enables (when high or open)
LAN91C111 accesses to the serial
EEPROM. Must be grounded if no
EEPROM is connected to the
LAN91C111.
127, 128
1, 2
Crystal 1
Crystal 2
XTAL1
XTAL2
Iclk**
An external 25 MHz crystal is connected
across these pins. If a TTL clock is
supplied instead, it should be connected
to XTAL1 and XTAL2 should be left open.
XTAL1 is the 5V tolerant input of the
internal amplifier and XTAL2 is the output
of the internal amplifier.
1, 33, 44,
62, 77, 98,
110, 120
3, 35, 46,
64, 79,
100, 112,
122
Power
VDD
+3.3V Power supply pins.
11, 16
13, 18
Analog Power
AVDD
+3.3V Analog power supply pins.
24, 39, 52,
57, 67, 72,
93, 103,
108, 117
26, 41, 54,
59, 69, 74,
95, 105,
110, 119
Ground
GND
Ground pins.
13, 19
15, 21
Analog Ground
AGND
Analog Ground pins
21
23
Loopback
LBK
O4
Output. Active when LOOP bit is set
(TCR bit 1).
20
22
nLink Status
nLNK
I with
pullup
Input. General-purpose input port used to
convey LINK status (EPHSR bit 14).
28
30
nCNTRL
nCNTRL
O12
General Purpose Control Pin
47
49
X25out
X25out
O12
25Mhz Output to external PHY
111
113
Transmit Enable
100 Mbps
TXEN100
O12
Output to MII PHY. Envelope to 100 Mbps
transmission.
119
121
Carrier Sense
100 Mbps
CRS100
I with
pulldown
Input from MII PHY. Envelope of packet
reception used for deferral and backoff
purposes.
125
127
Receive Data
Valid
RX_DV
I with
pulldown
Input from MII PHY. Envelope of data
valid reception. Used for receive data
framing.
112
114
Collision Detect
100 Mbps
COL100
I with
pulldown
Input from MII PHY. Collision detection
input.
Pin No.
Name
Symbol
Buffer
Type
Description
TQFP
QFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com