Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C111 Datasheet(PDF) 70 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 70 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 66Page - Microchip Technology LAN91C111 Datasheet HTML 67Page - Microchip Technology LAN91C111 Datasheet HTML 68Page - Microchip Technology LAN91C111 Datasheet HTML 69Page - Microchip Technology LAN91C111 Datasheet HTML 70Page - Microchip Technology LAN91C111 Datasheet HTML 71Page - Microchip Technology LAN91C111 Datasheet HTML 72Page - Microchip Technology LAN91C111 Datasheet HTML 73Page - Microchip Technology LAN91C111 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 71
LAN91C111
9.2.9
CAP_ANEG - AUTO-NEGOTIATION CAPABLE
Indicates the ability (‘1’) to perform ANEG or not (‘0’).
9.2.10
LINK - LINK STATUS
A ‘1’ indicates a valid Link and a ‘0’ and invalid Link. The ‘0’ condition is latched until this register is read.
9.2.11
JAB - JABBER DETECT
Jabber condition detected when ‘1’ for 10Mbps. ‘1’ latched until this register is read or the PHY is reset. Always ‘0’ for
100Mbps
9.2.12
EXREG - EXTENDED CAPABILITY REGISTER
‘1’ Indicates extended registers are implemented
9.3
Register 2&3. PHY Identifier Register
These two registers (offsets 2 and 3) provide a 32-bit value unique to the PHY.
9.4
Register 4. Auto-Negotiation Advertisement Register
This register control the values transmitted by the PHY to the remote partner when advertising its abilities.
9.4.1
NP - NEXT PAGE
A ‘1’ indicates the PHY wishes to exchange Next Page information.
9.4.2
ACK - ACKNOWLEDGE
It is used by the Auto-Negotiation function to indicate that a device has successfully received its Link Partner’s Link code
Word.
9.4.3
RF - REMOTE FAULT
When set, an advertisement frame will be sent with the corresponding bit set. This in turn will cause the PHY receiving
it to set the Remote Fault bit in its Status register
REG
Bits
Name
Default Value
R/W
Soft Reset
2
15-0
Company ID
0000000000010110
R
Retains Original Value
3
15-10
Company ID
111110
R
Retains Original Value
3
9-4
Manufacturer's ID
000100
R
Retains Original Value
3
3-0
Manufacturer's Revision #
- - - -
R
Retains Original Value
NP
ACK
RF
Reserved
Reserved
Reserved
T4
TX_FDX
RW
R
RW
RW
RW
RW
RW
RW
00
0
0
0
0
0
1
TX_HDX
10_FDX
10_HDX
Reserved
Reserved
Reserved
Reserved
CSMA
RW
RW
RW
RW
RW
RW
RW
RW
11
1
0
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com