Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C111 Datasheet(PDF) 69 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 69 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 65Page - Microchip Technology LAN91C111 Datasheet HTML 66Page - Microchip Technology LAN91C111 Datasheet HTML 67Page - Microchip Technology LAN91C111 Datasheet HTML 68Page - Microchip Technology LAN91C111 Datasheet HTML 69Page - Microchip Technology LAN91C111 Datasheet HTML 70Page - Microchip Technology LAN91C111 Datasheet HTML 71Page - Microchip Technology LAN91C111 Datasheet HTML 72Page - Microchip Technology LAN91C111 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 125 page
background image
LAN91C111
DS00002276A-page 70
 2011-2016 Microchip Technology Inc.
9.1.8
DPLX - DUPLEX MODE
When Auto-Negotiation is disabled this bit can be used to manually select the link duplex state. Writing a ‘1’ to this bit
selects full duplex while a ‘0’ selects half duplex.
When Auto-Negotiation is enabled reading or writing this bit has no effect.
9.1.9
COLTST - COLLISION TEST
Setting a ‘1’ allows for testing of the MII COL signal. ‘0’ allows normal operation.
Reserved: Reserved, Must be 0 for Proper Operation
9.2
Register 1. Status Register
9.2.1
CAP_T4 - 100BASE-T4 CAPABLE
‘1’ Indicates 100Base-T4 capable PHY, ‘0’ not capable.
9.2.2
CAP_TXF - 100BASE-TX FULL DUPLEX CAPABLE
‘1’ Indicates 100Base-X full duplex capable PHY, ‘0’ not capable.
9.2.3
CAP_TXH - 100BASE-TX HALF DUPLEX CAPABLE
‘1’ Indicates 100Base-X alf duplex capable PHY, ‘0’ not capable.
9.2.4
CAP_TF - 10BASE-T FULL DUPLEX CAPABLE
‘1’ Indicates 10Mbps full duplex capable PHY, ‘0’ not capable.
9.2.5
CAP_TH - 10BASE-T HALF DUPLEX CAPABLE
‘1’ Indicates 10Mbps half duplex capable PHY, ‘0’ not capable.
Reserved: Reserved, Must be 0 for Proper Operation.
9.2.6
CAP_SUPR - MI PREAMBLE SUPPRESSION CAPABLE
‘1’ indicates the PHY is able to receive management frames even if not preceded by a preamble. ‘0’ when it is not able.
9.2.7
ANEG_ACK - AUTO-NEGOTIATION ACKNOWLEDGMENT
When read as ‘1’ indicate ANEG has been completed and that contents in registers 4,5,6 and 7 are valid. ‘0’ means
ANEG has not completed and contents in registers 4,5,6 and 7 are meaningless. The PHY returns zero if ANEG is dis-
abled.
9.2.8
REM_FLT- REMOTE FAULT DETECT
‘1’ indicates a Remote Fault. Latches the ‘1’ condition and is cleared by reading this register or resetting the PHY.
CAP_T4
CAP_TXF
CAP_TXH
CAP_TF
CAP_TH
Reserved
Reserved.
Reserved
RRRRRRRR
0
1
1
1
10
00
Reserved
CAP_SUPR
ANEG_ACK
REM_FLT
CAP_ANEG
LINK
JAB
EXREG
R
R
R
R, LH
R
R, LL
R, LH
R
00
0
0
1
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com