Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C111 Datasheet(PDF) 89 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 89 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 85Page - Microchip Technology LAN91C111 Datasheet HTML 86Page - Microchip Technology LAN91C111 Datasheet HTML 87Page - Microchip Technology LAN91C111 Datasheet HTML 88Page - Microchip Technology LAN91C111 Datasheet HTML 89Page - Microchip Technology LAN91C111 Datasheet HTML 90Page - Microchip Technology LAN91C111 Datasheet HTML 91Page - Microchip Technology LAN91C111 Datasheet HTML 92Page - Microchip Technology LAN91C111 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 125 page
background image
LAN91C111
DS00002276A-page 90
 2011-2016 Microchip Technology Inc.
12.0
APPLICATION CONSIDERATIONS
The LAN91C111 is envisioned to fit a few different bus types. This section describes the basic guidelines, system level
implications and sample configurations for the most relevant bus types. All applications are based on buffered architec-
tures with a private SRAM bus.
12.1
Fast Ethernet Slave Adapter
Slave non-intelligent board implementing 100 Mbps and 10 Mbps speeds.
Adapter requires:
1.
LAN91C111 chip
2.
Serial EEPROM (93C46)
3.
Some bus specific glue logic
Target systems:
1.
VL Local Bus 32 bit systems
2.
High-end ISA or non-burst EISA machines
3.
EISA 32 bit slave
12.2
VL Local Bus 32 Bit Systems
On VL Local Bus and other 32 bit embedded systems the LAN91C111 is accessed as a 32 bit peripheral in terms of the
bus interface. All registers except the DATA REGISTER will be accessed using byte or word instructions. Accesses to
the DATA REGISTER could use byte, word, or dword instructions.
TABLE 12-1:
VL LOCAL BUS SIGNAL CONNECTIONS
VL Bus Signal
LAN91C111 Signal
Notes
A2-A15
A2-A15
Address bus used for I/O space and register decoding, latched by nADS
rising edge, and transparent on nADS low time.
M/nIO
AEN
Qualifies valid I/O decoding - enabled access when low. This signal is
latched by nADS rising edge and transparent on nADS low time.
W/nR
W/nR
Direction of access. Sampled by the LAN91C111 on first rising clock that
has nCYCLE active. High on writes, low on reads.
nRDYRTN
nRDYRTN
Ready return. Direct connection to VL bus.
nLRDY
nSRDY and some
logic
nSRDY has the appropriate functionality and timing to create the VL
nLRDY except that nLRDY behaves like an open drain output most of
the time.
LCLK
LCLK
Local Bus Clock. Rising edges used for synchronous bus interface
transactions.
nRESET
RESET
Connected via inverter to the LAN91C111.
nBE0 nBE1
nBE2 nBE3
nBE0 nBE1 nBE2
nBE3
Byte enables. Latched transparently by nADS rising edge.
nADS
nADS, nCYCLE
Address Strobe is connected directly to the VL bus. nCYCLE is created
typically by using nADS delayed by one LCLK.
IRQn
INTR0
Typically uses the interrupt lines on the ISA edge connector of VL bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com