Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C111 Datasheet(PDF) 96 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 96 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 92Page - Microchip Technology LAN91C111 Datasheet HTML 93Page - Microchip Technology LAN91C111 Datasheet HTML 94Page - Microchip Technology LAN91C111 Datasheet HTML 95Page - Microchip Technology LAN91C111 Datasheet HTML 96Page - Microchip Technology LAN91C111 Datasheet HTML 97Page - Microchip Technology LAN91C111 Datasheet HTML 98Page - Microchip Technology LAN91C111 Datasheet HTML 99Page - Microchip Technology LAN91C111 Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 97
LAN91C111
13.0
OPERATIONAL DESCRIPTION
13.1
Maximum Ratings*
*Stresses above those listed above could cause permanent damage to the device. This is a stress rating only and func-
tional operation of the device at any other condition above those indicated in the operation sections of this specification
is not implied.
.
13.2
DC Electrical Characteristics
(VCC = +3.3.0 V ± 10%)
Operating Temperature Range
0
C to +70C for LAN91C111 (-40C to 85C
for LAN91C111I)
Storage Temperature Range
-55C
 to + 150C
Lead Temperature Range (soldering, 10 seconds)
+325
C
Positive Voltage on any pin, with respect to Ground
VCC + 0.3V
Negative Voltage on any pin, with respect to Ground
-0.3V
Maximum VCC
+5V
Note:
When powering this device from laboratory or system power supplies, it is important that the Absolute Max-
imum Ratings not be exceeded or device failure can result. Some power supplies exhibit voltage spikes on
their outputs when the AC power is switched on or off. In addition, voltage transients on the AC power line
may appear on the DC output. If this possibility exists, it is suggested that a clamp circuit be used.
Parameter
Symbol
MIN
TYP
MAX
Unit
Comments
I Type Input Buffer
Low Input Level
High Input Level
VILI
VIHI
2.0
0.8
V
V
TTL Levels
IS Type Input Buffer
Low Input Level
High Input Level
Schmitt Trigger Hysteresis
VILIS
VIHIS
VHYS
2.2
250
0.8
V
V
mV
Schmitt Trigger
Schmitt Trigger
ICLK Input Buffer
Low Input Level
High Input Level
VILCK
VIHCK
2.2
0.8
V
V
Input Leakage
(All I and IS buffers except
pins with
pullups/pulldowns)
Low Input Leakage
High Input Leakage
IIL
IIH
-10
-10
+10
+10
µA
µA
VIN = 0
VIN = VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com