Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C111 Datasheet(PDF) 68 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 68 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 64Page - Microchip Technology LAN91C111 Datasheet HTML 65Page - Microchip Technology LAN91C111 Datasheet HTML 66Page - Microchip Technology LAN91C111 Datasheet HTML 67Page - Microchip Technology LAN91C111 Datasheet HTML 68Page - Microchip Technology LAN91C111 Datasheet HTML 69Page - Microchip Technology LAN91C111 Datasheet HTML 70Page - Microchip Technology LAN91C111 Datasheet HTML 71Page - Microchip Technology LAN91C111 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 69
LAN91C111
9.1
Register 0. Control Register
9.1.1
RST - RESET
A ‘1’ written to this bit will initiate a reset of the PHY. The bit is self-clearing, and the PHY will return a ‘1’ on reads to this
bit until the reset is completed. Write transactions to this register may be ignored while the PHY is processing the reset.
All PHY registers will be driven to their default states after a reset. The internal PHY is ready for normal operation 50
mS after the RST bit is set. Software driver requires to wait for 50mS after setting the RST bit to high to access the
internal PHY again.
9.1.2
LPBK - Loopback
Writing a ‘1’ will put the PHY into loopback mode.
9.1.3
SPEED (SPEED SELECTION)
When Auto-Negotiation is disabled this bit can be used to manually select the link speed. Writing a ‘1’ to this bit selects
100 Mbps, a ‘0’ selects 10 Mbps.
When Auto-Negotiation is enabled reading or writing this bit has no meaning/effect.
9.1.4
ANEN_EN - AUTO-NEGOTIATION ENABLE
Auto-Negotiation (ANEG) is on when this bit is ‘1’. In that case the contents of bits Speed and Duplex are ignored and
the ANEG process determines the link configuration.
9.1.5
PDN - POWER DOWN
Setting this bit to ‘1’ will put the PHY in PowerDown mode. In this state the PHY will respond to management transac-
tions.
9.1.6
MII_DIS - MII DISABLE
Setting this bit will set the PHY to an isolated mode in which it will respond to MII management frames over the MII
management interface but will ignore data on the MII data interface.
The internal PHY is placed in isolation mode at
power up and reset. It can be removed from isolation mode by clearing the MII_DIS bit in the PHY Control Register. If
necessary, the internal PHY can be enabled by clearing the EXT_PHY bit in the Configuration Register.
9.1.7
ANEG_RST - AUTO-NEGOTIATION RESET
This bit will return 0 if the PHY does not support ANEG or if ANEG is disabled through the ANEG_EN bit. If neither of
the previous is true, setting this bit to ‘1’ resets the ANEG process. This bit is self clearing and the PHY will return a ‘1’
until ANEG is initiated, writing a ‘0’ does not affect the ANEG process.
RST
LPBK
SPEED
ANEG_EN
PDN
MII_DIS
ANEG_RST
DPLX
RW, SC
RW
RW
RW
RW
RW
RW. SC
RW
001
1
0
1
0
0
COLST
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
RW
RW
RW
RW
RW
RW
RW
RW
00000000
Note:
This bit must not be set when the device is in external PHY mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com