Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C111 Datasheet(PDF) 46 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 46 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 42Page - Microchip Technology LAN91C111 Datasheet HTML 43Page - Microchip Technology LAN91C111 Datasheet HTML 44Page - Microchip Technology LAN91C111 Datasheet HTML 45Page - Microchip Technology LAN91C111 Datasheet HTML 46Page - Microchip Technology LAN91C111 Datasheet HTML 47Page - Microchip Technology LAN91C111 Datasheet HTML 48Page - Microchip Technology LAN91C111 Datasheet HTML 49Page - Microchip Technology LAN91C111 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 125 page
background image
LAN91C111
DS00002276A-page 46
 2011-2016 Microchip Technology Inc.
8.10
Bank 0 - Receive/Phy Control Register
SPEED – Speed select Input. This bit is valid and selects 10/100 PHY operation only when the ANEG Bit = 0, this bit
overrides the SPEED bit in the PHY Register 0 (Control Register) and determine the speed mode. When this bit is set
(1), the Internal PHY will operate at 100Mbps. When this bit is cleared (0), the Internal PHY will operate at 10Mbps.
When the ANEG bit = 1, this bit is ignored and 10/100 operation is determined by the outcome of the Auto-Negotiation
or this bit is overridden by the SPEED bit in the PHY Register 0 (Control Register) when the ANEG_EN bit in the PHY
Register 0 (Control Register) is clear.
DPLX – Duplex Select - This bit selects Full/Half Duplex operation. This bit is valid and selects duplex operation only
when the ANEG Bit = 0, this bit overrides the DPLX bit in the PHY Register 0 (Control Register) and determine the
duplex mode. When this bit is set (1), the Internal PHY will operate at full duplex mode. When this bit is cleared (0), the
Internal PHY will operate at half Duplex mode. When the ANEG bit = 1, this bit is ignored and duplex mode is determined
by the outcome of the Auto-Negotiation or this bit is overridden by the DPLX bit in the PHY Register 0 (Control Register)
when the ANEG_EN bit in the PHY Register 0 (Control Register) is clear.
ANEG – Auto-Negotiation mode select - The PHY is placed in Auto-Negotiation mode when the ANEG bit and the
ANEG_EN bit in PHY Register 0 (Control Register) both are set. When either of these bits is cleared (0), the PHY is
placed in manual mode.
OFFSET
NAME
TYPE
SYMBOL
A
RECEIVE/PHY CONTROL
REGISTER
READ/WRITE
RPCR
HIGH
BYTE
Reserved
Reserved
SPEED
DPLX
ANEG
Reserved
Reserved
Reserved
00
0
0
0
0
0
0
LOW
BYTE
LS2A
LS1A
LS0A
LS2B
LS1B
LS0B
Reserved
Reserved
00
0
0
0
0
0
0
What do you want to
do?
Auto-Negotiation
Control Bits
Auto-Negotiation Advertisement Register
Duplex Mode
Control for
the MAC
Try to Auto-Negotiate
to ……
ANEG
Bit
ANEG_EN
Bit
TX_FDX
Bit
TX_HDX
Bit
10_FDX
Bit
10_HDX
Bit
SWFDUP
Bit
RPCR
(MAC)
Register 0
(PHY)
Register 4
(PHY)
Register 4
(PHY)
Register 4
(PHY)
Register 4
(PHY)
Transmit
Control
Register
(MAC)
100 Full Duplex
1
1
1
1
1
1
1
100 Half Duplex
1
1
0
1
1
1
0
10 Full Duplex
1
1
0
0
1
1
1
10 Half Duplex
1
1
0
0
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com