Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C111 Datasheet(PDF) 14 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 14 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 10Page - Microchip Technology LAN91C111 Datasheet HTML 11Page - Microchip Technology LAN91C111 Datasheet HTML 12Page - Microchip Technology LAN91C111 Datasheet HTML 13Page - Microchip Technology LAN91C111 Datasheet HTML 14Page - Microchip Technology LAN91C111 Datasheet HTML 15Page - Microchip Technology LAN91C111 Datasheet HTML 16Page - Microchip Technology LAN91C111 Datasheet HTML 17Page - Microchip Technology LAN91C111 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 125 page
background image
LAN91C111
DS00002276A-page 14
 2011-2016 Microchip Technology Inc.
Note 5-1
If the EEPROM is enabled.
113-116
115-118
Transmit Data
TXD3-
TXD0
O12
Outputs. Transmit Data nibble to MII PHY.
109
111
Transmit Clock
TX25
I with
pullup
Input. Transmit clock input from MII.
Nibble rate clock (25MHz for 100Mbps &
2.5MHz for 10Mbps).
118
120
Receive Clock
RX25
I with
pullup
Input. Receive clock input from MII PHY.
Nibble rate clock. (25MHz for 100Mbps &
2.5MHz for 10Mbps).
121-124
123-126
Receive Data
RXD3-
RXD0
I with
pullup
Inputs. Received Data nibble from MII
PHY.
25
27
Management
Data Input
MDI
I with
pulldown
MII management data input.
26
28
Management
Data Output
MDO
O4
MII management data output.
27
29
Management
Clock
MCLK
O4
MII management clock.
126
128
Receive Error
RX_ER
I with
pulldown
Input. Indicates a code error detected by
PHY. Used by the LAN91C111 to discard
the packet being received. The error
indication reported for this event is the
same as a bad CRC (Receive Status
Word bit 13).
2
4
nChip Select
Output
nCSOUT
O4
Output. Chip Select provided for mapping
of PHY functions into LAN91C111
decoded space. Active on accesses to
LAN91C111’s eight lower addresses
when the BANK SELECTED is 7.
12
14
External
Resistor
RBIAS
NA
Transmit Current Set. An external resistor
connected between this pin and GND will
set the output current for the TP transmit
outputs
14
16
TPO+
O/I
Twisted Pair Transmit Output, Positive.
15
17
TPO-
O/I
Twisted Pair Transmit Output, Negative
17
19
TPI+
I/O
Twisted Pair Receive Input, Positive
18
20
TPI-
I/O
Twisted Pair Receive Input, Negative.
22
24
nLEDA
OD24
PHY LED Output
23
25
nLEDB
OD24
PHY LED Output
Pin No.
Name
Symbol
Buffer
Type
Description
TQFP
QFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com