Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C111 Datasheet(PDF) 20 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 20 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 16Page - Microchip Technology LAN91C111 Datasheet HTML 17Page - Microchip Technology LAN91C111 Datasheet HTML 18Page - Microchip Technology LAN91C111 Datasheet HTML 19Page - Microchip Technology LAN91C111 Datasheet HTML 20Page - Microchip Technology LAN91C111 Datasheet HTML 21Page - Microchip Technology LAN91C111 Datasheet HTML 22Page - Microchip Technology LAN91C111 Datasheet HTML 23Page - Microchip Technology LAN91C111 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 125 page
background image
LAN91C111
DS00002276A-page 20
 2011-2016 Microchip Technology Inc.
7.5.4
MII PACKET DATA COMMUNICATION WITH EXTERNAL PHY
The MIl is a nibble wide packet data interface defined in IEEE 802.3. The LAN91C111 meets all the MIl requirements
outlined in IEEE 802.3 and shown in Figure 7-2.
The Mll consists of the following signals: four transmit data bits (TXD[3:0]), transmit clock (TX25),transmit enable
(TXEN100), four receive data bits(RXD[3:0]), receive clock(RX25), carrier sense (CRS100), receive data valid (RX_DV),
receive data error (RX_ER), and collision (COL100). Transmit data is clocked out using the TX25 clock input, while receive
data is clocked in using RX25. The transmit and receive clocks operate at 25 MHz in 100Mbps mode and 2.5 MHz in
10Mbps.
In 100 Mbps mode, the LAN91C111 provides the following interface signals to the PHY:
• For transmission: TXEN100, TXD0-3, TX25
• For reception: RX_DV, RX_ER, RXD0-3, RX25
• For CSMA/CD state machines: CRS100, COL100
A transmission begins by TXEN100 going active (high), and TXD0-TXD3 having the first valid preamble nibble. TXD0
carries the least significant bit of the nibble (that is the one that would go first out of the EPH at 100 Mbps), while TXD3
carries the most significant bit of the nibble. TXEN100 and TXD0-TXD3 are clocked by the LAN91C111 using TX25 ris-
ing edges. TXEN100 goes inactive at the end of the packet on the last nibble of the CRC.
During a transmission, COL100 might become active to indicate a collision. COL100 is asynchronous to the
LAN91C111’s clocks and will be synchronized internally to TX25.
Reception begins when RX_DV (receive data valid) is asserted. A preamble pattern or flag octet will be present at
RXD0-RXD3 when RX_DV is activated. The LAN91C111 requires no training sequence beyond a full flag octet for
reception. RX_DV as well as RXD0-RXD3 are sampled on RX25 rising edges. RXD0 carries the least significant bit and
RXD3 the most significant bit of the nibble. RX_DV goes inactive when the last valid nibble of the packet (CRC) is pre-
sented at RXD0-RXD3.
RX_ER might be asserted during packet reception to signal the LAN91C111 that the present receive packet is invalid.
The LAN91C111 will discard the packet by treating it as a CRC error.
FIGURE 7-2:
MII FRAME FORMAT & MII NIBBLE ORDER
IDLE
PREAMBLE
PRMBLE
SFD
DATA 1
DATA N-1
DATA N
START
OF
FRAME
DELIM.
62 BT
DATA 2
DATA NIBBLES
2 BT
IDLE
TX_EN = 0
TX_EN = 0
TX_EN = 1
FIRST
NIBBLE
FIRST BIT
MAC's SERIAL BIT STREAM
D0
D1
D2
D3
D4
D5
D6
D7
TXD0 / RXD0
TXD3 / RXD3
TXD2 / RXD2
TXD1 / RXD1
MSB
SECOND
NIBBLE
MII
NIBBLE
STREAM
LSB
= [ BETWEEN 64-1518 DATA BYTES ]
= [ 1 1 ]
= [ 1 0 1 0 ... ] 62 BITS LONG
IDLE = TX_EN = 0
DATAn
SFD
PREAMBLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com