Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C111 Datasheet(PDF) 32 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 32 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 28Page - Microchip Technology LAN91C111 Datasheet HTML 29Page - Microchip Technology LAN91C111 Datasheet HTML 30Page - Microchip Technology LAN91C111 Datasheet HTML 31Page - Microchip Technology LAN91C111 Datasheet HTML 32Page - Microchip Technology LAN91C111 Datasheet HTML 33Page - Microchip Technology LAN91C111 Datasheet HTML 34Page - Microchip Technology LAN91C111 Datasheet HTML 35Page - Microchip Technology LAN91C111 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 125 page
background image
LAN91C111
DS00002276A-page 32
 2011-2016 Microchip Technology Inc.
7.7.12
LINK INTEGRITY & AUTO-NEGOTIATION
7.7.12.1
General
The LAN91C111 can be configured to implement either the standard link integrity algorithms or the Auto-Negotiation
algorithm.
The standard link integrity algorithms are used solely to establish an active link to and from a remote device. There are
different standard link integrity algorithms for 10 and 100 Mbps modes. The Auto-Negotiation algorithm is used for two
purposes: (1) To automatically configure the device for either 10/100 Mbps and Half/Full Duplex modes, and (2) to estab-
lish an active link to and from a remote device. The standard link integrity and Auto-Negotiation algorithms are described
below.
Auto-Negotiation is only specified for 100BASE-TX and 10BASE-T operation.
7.7.12.2
10BASE-T Link Integrity Algorithm - 10Mbps
The LAN91C111 uses the same 10BASE-T link integrity algorithm that is defined in IEEE 802.3 Clause 14. This algo-
rithm uses normal link pulses, referred to as NLP's and transmitted during idle periods, to determine if a device has suc-
cessfully established a link with a remote device (called Link Pass State). The transmit link pulse meets the template
defined in IEEE 802.3 Clause 14 and shown in Figure 7-7. Refer to IEEE 802.3 Clause 14 for more details if needed.
FIGURE 7-6:
SOI OUTPUT VOLTAGE TEMPLATE - 10MBPS
0 BT
4.5 BT
6.0 BT
+50 mV
45.0 BT
4.5 BT
2.5 BT
2.25 BT
0.25 BT
0.5 V/ns
3.1 V
-50 mV
585 mV
-3.1 V
585 mV sin(2
(t/1BT))
0
t
0.25 BT and
2.25
t
2.5 BT
***



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com