Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C111 Datasheet(PDF) 48 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 48 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 44Page - Microchip Technology LAN91C111 Datasheet HTML 45Page - Microchip Technology LAN91C111 Datasheet HTML 46Page - Microchip Technology LAN91C111 Datasheet HTML 47Page - Microchip Technology LAN91C111 Datasheet HTML 48Page - Microchip Technology LAN91C111 Datasheet HTML 49Page - Microchip Technology LAN91C111 Datasheet HTML 50Page - Microchip Technology LAN91C111 Datasheet HTML 51Page - Microchip Technology LAN91C111 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 125 page
background image
LAN91C111
DS00002276A-page 48
 2011-2016 Microchip Technology Inc.
LS2B, LS1B, LS0B – LED select Signal Enable. These bits define what LED control signals are routed to the LEDB
output pin on the LAN91C111 Ethernet Controller. The default is 10/100 Link detected.
Reserved – Must be 0.
8.11
Bank 1 - Configuration Register
The Configuration Register holds bits that define the adapter configuration and are not expected to change during run-
time. This register is part of the EEPROM saved setup.
EPH Power EN - Used to selectively power transition the EPH to a low power mode. When this bit is cleared (0), the
Host will place the EPH into a low power mode. The Ethernet MAC will gate the 25Mhz TX and RX clock so that the
Ethernet MAC will no longer be able to receive and transmit packets. The Host interface however, will still be active
allowing the Host access to the device through Standard IO access. All LAN91C111 registers will still be accessible.
However, status and control will not be allowed until the EPH Power EN bit is set AND a RESET MMU command is
initiated.
NO WAIT - When set, does not request additional wait states. An exception to this are accesses to the Data Register if
not ready for a transfer. When clear, negates ARDY for two to three clocks on any cycle to the LAN91C111.
LS2B
LS1B
LS0B
LED Select Signal – LEDB
0
0
0
nPLED3+ nPLED0 – Logical OR of 100Mbps Link detected 10Mbps Link detected
(default)
0
0
1
Reserved
0
1
0
nPLED0 - 10Mbps Link detected
0
1
1
nPLED1 – Full Duplex Mode enabled
1
0
0
nPLED2 – Transmit or Receive packet occurred
1
0
1
nPLED3 - 100Mbps Link detected
1
1
0
nPLED4 - Receive packet occurred
1
1
1
nPLED5 - Transmit packet occurred
OFFSET
NAME
TYPE
SYMBOL
0
CONFIGURATION
REGISTER
READ/WRITE
CR
HIGH
BYTE
EPH
Power
EN
Reserved
Reserved
NO
WAIT
Reserved
GPCNTRL
EXT PHY
Reserved
10
1
0
0
0
0
0
LOW
BYTE
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
10
1
1
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com