Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C111 Datasheet(PDF) 41 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 41 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 37Page - Microchip Technology LAN91C111 Datasheet HTML 38Page - Microchip Technology LAN91C111 Datasheet HTML 39Page - Microchip Technology LAN91C111 Datasheet HTML 40Page - Microchip Technology LAN91C111 Datasheet HTML 41Page - Microchip Technology LAN91C111 Datasheet HTML 42Page - Microchip Technology LAN91C111 Datasheet HTML 43Page - Microchip Technology LAN91C111 Datasheet HTML 44Page - Microchip Technology LAN91C111 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 41
LAN91C111
A special BANK (BANK7) exists to support the addition of external registers.
8.4
Bank Select Register
BS2, BS1, BS0 Determine the bank presently in use. This register is always accessible and is used to select the register
bank in use.
The upper byte always reads as 33h and can be used to help determine the I/O location of the LAN91C111.
The BANK SELECT REGISTER is always accessible regardless of the value of BS0-2.
BANK 7 has no internal registers other than the BANK SELECT REGISTER itself. On valid cycles where BANK7 is
selected (BS0=BS1=BS2=1), and A3=0, nCSOUT is activated to facilitate implementation of external registers.
Bank 7 is a new register Bank to the Microchip LAN91C111 device. This bank has extended registers that allow the
extended feature set of the Microchip LAN91C111.
TABLE 8-1:
INTERNAL I/O SPACE MAPPING
BANK0
BANK1
BANK2
BANK3
0
TCR
CONFIG
MMU COMMAND
MT0-1
2
EPH STATUS
BASE
PNR
MT2-3
4
RCR
IA0-1
FIFO PORTS
MT4-5
6
COUNTER
IA2-3
POINTER
MT6-7
8
MIR
IA4-5
DATA
MGMT
A
RPCR
GENERAL PURPOSE
DATA
REVISION
C
RESERVED
CONTROL
INTERRUPT
RCV
E
BANK
BANK
BANK
BANK
OFFSET
NAME
TYPE
SYMBOL
E
BANK SELECT REGISTER
READ/WRITE
BSR
HIGH
BYTE
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
001
100
11
LOW
BYTE
BS2
BS1
BS0
XX
XXX
0
0
0
Note:
The bank select register can be accessed as a doubleword at offset 0x0Ch, as a word at offset 0x0Eh, or
as a byte at offset 0x0Eh, A doubleword write to offset 0x0Ch will write the BANK SELECT REGISTER but
will not write the registers 0x0Ch and 0x0Dh, but will only write to register 0x0Eh.
Note:
BANK7 does not exist in LAN91C9x devices. For backward S/W compatibility BANK7 accesses should be
done if the Revision Control register indicates the device is the LAN91C111.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com