Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 10 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 6Page - SMSC Corporation LAN9211 Datasheet HTML 7Page - SMSC Corporation LAN9211 Datasheet HTML 8Page - SMSC Corporation LAN9211 Datasheet HTML 9Page - SMSC Corporation LAN9211 Datasheet HTML 10Page - SMSC Corporation LAN9211 Datasheet HTML 11Page - SMSC Corporation LAN9211 Datasheet HTML 12Page - SMSC Corporation LAN9211 Datasheet HTML 13Page - SMSC Corporation LAN9211 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
10
SMSC LAN9211
DATASHEET
1.1
Block Diagram
The SMSC LAN9211 integrated 10/100 MAC/PHY controller is a peripheral chip that performs the
function of translating parallel data from a host controller into Ethernet packets. The LAN9211 Ethernet
MAC/PHY controller is designed and optimized to function in an embedded environment. All
communication is performed with programmed I/O transactions using the simple SRAM-like host
interface bus.
The diagram shown above, describes a typical system configuration of the LAN9211 in a typical
embedded environment.
The LAN9211 is a general purpose, platform independent, Ethernet controller. The LAN9211 consists
of four major functional blocks. The four blocks are:
10/100 Ethernet PHY
10/100 Ethernet MAC
RX/TX FIFOs
Host Bus Interface (HBI)
Figure 1.1 System Block Diagram
Microprocessor/
Microcontroller
LAN9211
Magnetics
Ethernet
System
Peripherals
System Memory
System Bus
EEPROM
(Optional)
LEDS/GPIO
25MHz
XTAL
System Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com