Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 78 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 78 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 74Page - SMSC Corporation LAN9211 Datasheet HTML 75Page - SMSC Corporation LAN9211 Datasheet HTML 76Page - SMSC Corporation LAN9211 Datasheet HTML 77Page - SMSC Corporation LAN9211 Datasheet HTML 78Page - SMSC Corporation LAN9211 Datasheet HTML 79Page - SMSC Corporation LAN9211 Datasheet HTML 80Page - SMSC Corporation LAN9211 Datasheet HTML 81Page - SMSC Corporation LAN9211 Datasheet HTML 82Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
78
SMSC LAN9211
DATASHEET
5.3
System Control and Status Registers
Table 5.1, "Direct Address Register Map", lists the registers that are directly addressable by the host
bus.
Table 5.1 Direct Address Register Map
CONTROL AND STATUS REGISTERS
BASE ADDRESS
+ OFFSET
SYMBOL
REGISTER NAME
DEFAULT
50h
ID_REV
Chip ID and Revision.
See Page 79.
54h
IRQ_CFG
Main Interrupt Configuration
00000000h
58h
INT_STS
Interrupt Status
00000000h
5Ch
INT_EN
Interrupt Enable Register
00000000h
60h
RESERVED
Reserved for future use
-
64h
BYTE_TEST
Read-only byte order testing register
87654321h
68h
FIFO_INT
FIFO Level Interrupts
48000000h
6Ch
RX_CFG
Receive Configuration
00000000h
70h
TX_CFG
Transmit Configuration
00000000h
74h
HW_CFG
Hardware Configuration
00050000h
78h
RX_DP_CTL
RX Datapath Control
00000000h
7Ch
RX_FIFO_INF
Receive FIFO Information
00000000h
80h
TX_FIFO_INF
Transmit FIFO Information
00001200h
84h
PMT_CTRL
Power Management Control
00000000h
88h
GPIO_CFG
General Purpose IO Configuration
00000000h
8Ch
GPT_CFG
General Purpose Timer Configuration
0000FFFFh
90h
GPT_CNT
General Purpose Timer Count
0000FFFFh
94h
RESERVED
Reserved for future use
-
98h
WORD_SWAP
WORD SWAP Register
00000000h
9Ch
FREE_RUN
Free Run Counter
-
A0h
RX_DROP
RX Dropped Frames Counter
00000000h
A4h
MAC_CSR_CMD
MAC CSR Synchronizer Command (MAC
CSR’s are indexed through this register)
00000000h
A8h
MAC_CSR_DATA
MAC CSR Synchronizer Data
00000000h
ACh
AFC_CFG
Automatic Flow Control Configuration
00000000h
B0h
E2P_CMD
EEPROM Command
00000000h
B4h
E2P_DATA
EEPROM Data
00000000h
B8h - FCh
RESERVED
Reserved for future use
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com