Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 42 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 42 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 38Page - SMSC Corporation LAN9211 Datasheet HTML 39Page - SMSC Corporation LAN9211 Datasheet HTML 40Page - SMSC Corporation LAN9211 Datasheet HTML 41Page - SMSC Corporation LAN9211 Datasheet HTML 42Page - SMSC Corporation LAN9211 Datasheet HTML 43Page - SMSC Corporation LAN9211 Datasheet HTML 44Page - SMSC Corporation LAN9211 Datasheet HTML 45Page - SMSC Corporation LAN9211 Datasheet HTML 46Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
42
SMSC LAN9211
DATASHEET
Table 3.9, "Required EECLK Cycles", shown below, shows the number of EECLK cycles required for
each EEPROM operation.
3.9.2.2
MAC Address Reload
The MAC address can be reloaded from the EEPROM via a host command to the E2P_CMD register.
If a value of 0xA5h is not found in the first address of the EEPROM, the EEPROM is assumed to be
un-programmed and MAC Address Reload operation will fail. The “MAC Address Loaded” bit indicates
a successful load of the MAC address. The EPC_LOAD bit is set after a successful reload of the MAC
address.
3.9.2.3
EEPROM Command and Data Registers
Refer to Section 5.3.23, "E2P_CMD – EEPROM Command Register," on page 101 and Section 5.3.24,
"E2P_DATA – EEPROM Data Register," on page 103 for a detailed description of these registers.
Supported EEPROM operations are described in these sections.
3.9.2.4
EEPROM Timing
Refer to Section 6.9, "EEPROM Timing," on page 136 for detailed EEPROM timing specifications.
3.10
Power Management
The LAN9211 supports power-down modes to allow applications to minimize power consumption. The
following sections describe these modes.
3.10.1
System Description
Power is reduced to various modules by disabling the clocks as outlined in Table 3.10, “Power
Management States,” on page 44. All configuration data is saved when in either of the two low power
states. Register contents are not affected unless specifically indicated in the register description.
3.10.2
Functional Description
There is one normal operating power state, D0 and there are two power saving states: D1, and D2.
Upon entry into either of the two power saving states, only the PMT_CTRL register is accessible for
read operations. In either of the power saving states the READY bit in the PMT_CTRL register will be
cleared. Reads of any other addresses are forbidden until the READY bit is set. All writes, with the
exception of the wakeup write to BYTE_TEST, are also forbidden until the READY bit is set. Only when
in the D0 (Normal) state, when the READY bit is set, can the rest of the device be accessed.
Table 3.9 Required EECLK Cycles
OPERATION
REQUIRED EECLK CYCLES
ERASE
10
ERAL
10
EWDS
10
EWEN
10
READ
18
WRITE
18
WRAL
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com