Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 84 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 84 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 80Page - SMSC Corporation LAN9211 Datasheet HTML 81Page - SMSC Corporation LAN9211 Datasheet HTML 82Page - SMSC Corporation LAN9211 Datasheet HTML 83Page - SMSC Corporation LAN9211 Datasheet HTML 84Page - SMSC Corporation LAN9211 Datasheet HTML 85Page - SMSC Corporation LAN9211 Datasheet HTML 86Page - SMSC Corporation LAN9211 Datasheet HTML 87Page - SMSC Corporation LAN9211 Datasheet HTML 88Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
84
SMSC LAN9211
DATASHEET
5.3.5
BYTE_TEST—Byte Order Test Register
This register can be used to determine the byte ordering of the current configuration
5.3.6
FIFO_INT—FIFO Level Interrupts
This register configures the limits where the FIFO Controllers will generate system interrupts.
Offset:
64h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:0
Byte Test
RO
87654321h
Offset:
68h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31-24
TX Data Available Level. The value in this field sets the level, in number
of 64 Byte blocks, at which the TX FIFO Available interrupt (TFDA) will be
generated. When the TX data FIFO free space is greater than this value a
TX FIFO Available interrupt (TDFA) will be generated.
R/W
48h
23-16
TX Status Level. The value in this field sets the level, in number of
DWORDs, at which the TX Status FIFO Level interrupt (TSFL) will be
generated. When the TX Status FIFO used space is greater than this value
an TX Status FIFO Level interrupt (TSFL) will be generated.
R/W
00h
15-8
Reserved
RO
-
7-0
RX Status Level. The value in this field sets the level, in number of
DWORDs, at which the RX Status FIFO Level interrupt (RSFL) will be
generated. When the RX Status FIFO used space is greater than this value
an RX Status FIFO Level interrupt (RSFL) will be generated.
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com