Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 99 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 99 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 95Page - SMSC Corporation LAN9211 Datasheet HTML 96Page - SMSC Corporation LAN9211 Datasheet HTML 97Page - SMSC Corporation LAN9211 Datasheet HTML 98Page - SMSC Corporation LAN9211 Datasheet HTML 99Page - SMSC Corporation LAN9211 Datasheet HTML 100Page - SMSC Corporation LAN9211 Datasheet HTML 101Page - SMSC Corporation LAN9211 Datasheet HTML 102Page - SMSC Corporation LAN9211 Datasheet HTML 103Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9211
99
Revision 2.9 (03-01-12)
DATASHEET
5.3.22
AFC_CFG – Automatic Flow Control Configuration Register
This register configures the mechanism that controls both the automatic, and software-initiated
transmission of pause frames and back pressure.
Note: The LAN9211 will not transmit pause frames or assert back pressure if the transmitter is
disabled.
Offset:
ACh
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:24
Reserved
RO
-
23:16
Automatic Flow Control High Level (AFC_HI). Specifies, in multiples of
64 bytes, the level at which flow control will trigger. When this limit is
reached the chip will apply back pressure or will transmit a pause frame as
programmed in bits [3:0] of this register.
During full-duplex operation only a single pause frame is transmitted when
this level is reached. The pause time transmitted in this frame is
programmed in the FCPT field of the FLOW register in the MAC CSR space.
During half-duplex operation each incoming frame that matches the criteria
in bits [3:0] of this register will be jammed for the period set in the
BACK_DUR field.
R/W
00h
15:8
Automatic Flow Control Low Level (AFC_LO). Specifies, in multiples of
64 bytes, the level at which a pause frame is transmitted with a pause time
setting of zero. When the amount of data in the RX data FIFO falls below
this level the pause frame is transmitted. A pause time value of zero
instructs the other transmitting device to immediately resume transmission.
The zero time pause frame will only be transmitted if the RX data FIFO had
reached the AFC_HI level and a pause frame was sent. A zero pause time
frame is sent whenever automatic flow control in enabled in bits [3:0] of this
register.
Note:
When automatic flow control is enabled the AFC_LO setting must
always be less than the AFC_HI setting.
R/W
00h
7:4
Backpressure Duration (BACK_DUR). When the LAN9211 automatically
asserts back pressure, it will be asserted for this period of time. This field
has no function and is not used in full-duplex mode. Please refer to
Table 5.5, describing Backpressure Duration bit mapping for more
information.
R/W
0h
3
Flow Control on Multicast Frame (FCMULT). When this bit is set, the
LAN9211 will assert back pressure when the AFC level is reached and a
multicast frame is received. This field has no function in full-duplex mode.
R/W
0
2
Flow Control on Broadcast Frame (FCBRD). When this bit is set, the
LAN9211 will assert back pressure when the AFC level is reached and a
broadcast frame is received. This field has no function in full-duplex mode.
R/W
0
1
Flow Control on Address Decode (FCADD). When this bit is set, the
LAN9211 will assert back pressure when the AFC level is reached and a
frame addressed to the LAN9211 is received. This field has no function in
full-duplex mode.
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com