Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 19 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 19 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 15Page - SMSC Corporation LAN9211 Datasheet HTML 16Page - SMSC Corporation LAN9211 Datasheet HTML 17Page - SMSC Corporation LAN9211 Datasheet HTML 18Page - SMSC Corporation LAN9211 Datasheet HTML 19Page - SMSC Corporation LAN9211 Datasheet HTML 20Page - SMSC Corporation LAN9211 Datasheet HTML 21Page - SMSC Corporation LAN9211 Datasheet HTML 22Page - SMSC Corporation LAN9211 Datasheet HTML 23Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9211
19
Revision 2.9 (03-01-12)
DATASHEET
2.2
Buffer Types
Table 2.5 56-QFN Package Pin Assignments
PIN
NUM
PIN NAME
PIN
NUM
PIN NAME
PIN
NUM
PIN NAME
PIN
NUM
PIN NAME
1
VDD_IO
15
nRD
29
D6
43
IRQ
2
VDD_CORE
16
nWR
30
VDD_IO
44
TPO-
3
GPIO0/nLED1
17
nCS
31
D5
45
TPO+
4
GPIO1/nLED2
18
VDD_IO
32
D4
46
VDD_A33
5
GPIO2/nLED3
19
D15
33
D3
47
TPI-
6
A7
20
D14
34
D2
48
TPI+
7
A6
21
D13
35
D1
49
VDD_A33
8
A5
22
D12
36
D0
50
EXRES1
9
A4
23
D11
37
VDD_CORE
51
VDD_A33
10
A3
24
VDD_IO
38
EEDIO/GPO3
52
AMDIX_EN
11
A2
25
D10
39
EECS
53
VDD_A18
12
A1
26
D9
40
EECLK/GPO4
54
XTAL2
13
FIFO_SEL
27
D8
41
PME
55
XTAL1/CLKIN
14
NC
28
D7
42
nRESET
56
VDD_IO
EXPOSED PAD
MUST BE CONNECTED TO VSS
Table 2.6 Buffer Types
TYPE
DESCRIPTION
I
Input pin
IS
Schmitt triggered Input
O12
Output with 12mA sink and 12mA source
OD12
Open-drain output with 12mA sink
OD8
Open-drain output with 8mA sink
O8
Output 8mA symmetrical drive
PU
50uA (typical) internal pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com