Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 30 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 30 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 26Page - SMSC Corporation LAN9211 Datasheet HTML 27Page - SMSC Corporation LAN9211 Datasheet HTML 28Page - SMSC Corporation LAN9211 Datasheet HTML 29Page - SMSC Corporation LAN9211 Datasheet HTML 30Page - SMSC Corporation LAN9211 Datasheet HTML 31Page - SMSC Corporation LAN9211 Datasheet HTML 32Page - SMSC Corporation LAN9211 Datasheet HTML 33Page - SMSC Corporation LAN9211 Datasheet HTML 34Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
30
SMSC LAN9211
DATASHEET
The RXCOE supports a maximum of two VLAN tags. If there are more than two VLAN tags, the VLAN
protocol identifier for the third tag is treated as an Ethernet type field. The checksum calculation will
begin immediately after the type field.
The RXCOE resides in the RX path within the MAC. As the RXCOE receives an Ethernet frame it
calculates the 16-bit checksum. The RXCOE passes the Ethernet frame to the RX Data FIFO with the
checksum appended to the end of the frame. The RXCOE inserts the checksum immediately after the
last byte of the Ethernet frame. The packet length field in the RX status word (refer to Section 3.13.3)
will indicate that the frame size has increased by two bytes to accommodate the checksum.
Setting the RXCOE_EN bit in the COE_CR—Checksum Offload Engine Control Register enables the
RXCOE, while the RXCOE_MODE bit selects the operating mode. When the RXCOE is disabled, the
the received data is simply passed through the RXCOE unmodified.
Note: Software applications must stop the receiver and flush the RX data path before changing the
state of the RXCOE_EN or RXCOE_MODE bits.
Note: When the RXCOE is enabled, automatic pad stripping must be disabled (bit 8 (PADSTR) of
the MAC_CR—MAC Control Register) and vice versa. These functions cannot be enabled
simultaneously.
Figure 3.6 Ethernet Frame with VLAN Tag and SNAP Header
Figure 3.7 Ethernet Frame with Multiple VLAN Tags and SNAP Header
DST
SRC
8
1
0
0
V
I
D
L3 Packet
F
C
S
S
N
A
P
0
S
N
A
P
1
3
L
e
n
0
1
2
{DSAP, SSAP, CTRL,
OUI[23:16]}
{OUI[15:0], PID[15:0]}
4
5
6
Calculate Checksum
1DWORD
DST
SRC
8
1
0
0
V
I
D
L3 Packet
F
C
S
S
N
A
P
0
S
N
A
P
1
5
L
e
n
0
1
2
{DSAP, SSAP, CTRL,
OUI[23:16]}
{OUI[15:0], PID[15:0]}
6
7
8
Calculate Checksum
8
1
0
0
V
I
D
4
1DWORD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com