Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 54 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 54 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 50Page - SMSC Corporation LAN9211 Datasheet HTML 51Page - SMSC Corporation LAN9211 Datasheet HTML 52Page - SMSC Corporation LAN9211 Datasheet HTML 53Page - SMSC Corporation LAN9211 Datasheet HTML 54Page - SMSC Corporation LAN9211 Datasheet HTML 55Page - SMSC Corporation LAN9211 Datasheet HTML 56Page - SMSC Corporation LAN9211 Datasheet HTML 57Page - SMSC Corporation LAN9211 Datasheet HTML 58Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
54
SMSC LAN9211
DATASHEET
3.12.5
Calculating Actual TX Data FIFO Usage
The following rules are used to calculate the actual TX data FIFO space consumed by a TX Packet:
TX command 'A' is stored in the TX data FIFO for every TX buffer.
TX command 'B' is written into the TX data FIFO when the First Segment (FS) bit is set in TX
command 'A.'
When TX checksum is enabled, the 4-byte TX checksum preamble is written into TX Data FIFO.
Any DWORD-long data added as part of the “Data Start Offset” is removed from each buffer before
the data is written to the TX data FIFO. Any data that is less than 1 DWORD is passed to the TX
data FIFO.
Payload from each buffer within a Packet is written into the TX data FIFO.
Any DWORD-long data added as part of the End Padding is removed from each buffer before the
data is written to the TX data FIFO. Any end padding that is less than 1 DWORD is passed to the
TX data FIFO.
10
No Carrier. When set, this bit indicates that the carrier signal from the transceiver was not present
during transmission.
Note:
During 10/100 Mbps full-duplex transmission, the value of this bit is invalid and should be
ignored.
9
Late Collision. When set, indicates that the packet transmission was aborted after the collision
window of 64 bytes.
8
Excessive Collisions. When set, this bit indicates that the transmission was aborted after 16
collisions while attempting to transmit the current packet.
7
Reserved. This bit is reserved. Always write zeros to this field to guarantee future compatibility.
6:3
Collision Count. This counter indicates the number of collisions that occurred before the packet was
transmitted. It is not valid when excessive collisions (bit 8) is also set.
2
Excessive Deferral. If the deferred bit is set in the control register, the setting of the excessive
deferral bit indicates that the transmission has ended because of a deferral of over 24288 bit times
during transmission.
1
Reserved. This bit is reserved. Always write zero to this bit to guarantee future compatibility.
0
Deferred. When set, this bit indicates that the current packet transmission was deferred.
BITS
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com