Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 58 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 58 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 54Page - SMSC Corporation LAN9211 Datasheet HTML 55Page - SMSC Corporation LAN9211 Datasheet HTML 56Page - SMSC Corporation LAN9211 Datasheet HTML 57Page - SMSC Corporation LAN9211 Datasheet HTML 58Page - SMSC Corporation LAN9211 Datasheet HTML 59Page - SMSC Corporation LAN9211 Datasheet HTML 60Page - SMSC Corporation LAN9211 Datasheet HTML 61Page - SMSC Corporation LAN9211 Datasheet HTML 62Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
58
SMSC LAN9211
DATASHEET
3.12.6.3
TX Example 3
In this example a single, 111-Byte Ethernet packet will be transmitted with a TX checksum. This packet
is divided into four buffers. The four buffers are as follows:
Buffer 0:
4-Byte “Data Start Offset”
4-Byte Checksum Preamble
16-Byte “Buffer End Alignment”
Buffer 1:
7-Byte “Data Start Offset”
79-Bytes of payload data
16-Byte “Buffer End Alignment”
Buffer 2:
0-Byte “Data Start Offset”
15-Bytes of payload data
16-Byte “Buffer End Alignment”
Buffer 3:
10-Byte “Data Start Offset”
17-Bytes of payload data
16-Byte “Buffer End Alignment”
Figure 3.21, "TX Example 1" illustrates the TX command structure for this example, and also shows
how data is passed to the TX data FIFO.
Note: In order to perform a TX checksum calculation on the associated packet, bit 14 (CK) of the TX
Command ‘B’ must be set in conjunction with bit 13 (FS) of TX Command ‘A’ and bit 16
(TXCOE_EN) of the COE_CR register. For more information, refer to Section 3.6.2, "Transmit
Checksum Offload Engine (TXCOE)".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com