Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 86 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 86 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 82Page - SMSC Corporation LAN9211 Datasheet HTML 83Page - SMSC Corporation LAN9211 Datasheet HTML 84Page - SMSC Corporation LAN9211 Datasheet HTML 85Page - SMSC Corporation LAN9211 Datasheet HTML 86Page - SMSC Corporation LAN9211 Datasheet HTML 87Page - SMSC Corporation LAN9211 Datasheet HTML 88Page - SMSC Corporation LAN9211 Datasheet HTML 89Page - SMSC Corporation LAN9211 Datasheet HTML 90Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
86
SMSC LAN9211
DATASHEET
5.3.8
TX_CFG—Transmit Configuration Register
This register controls the transmit functions on the LAN9211 Ethernet Controller.
Offset:
70h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31-16
Reserved.
RO
-
15
Force TX Status Discard (TXS_DUMP). This self-clearing bit clears the TX
status FIFO of all pending status DWORD’s. When a ‘1’ is written, the TX
status pointers are cleared to zero.
SC
0
14
Force TX Data Discard (TXD_DUMP). This self-clearing bit clears the TX
data FIFO of all pending data. When a ‘1’ is written, the TX data pointers
are cleared to zero.
SC
0
13-3
Reserved
RO
-
2
TX Status Allow Overrun (TXSAO). When this bit is cleared, data
transmission is suspended if the TX Status FIFO becomes full. Setting this
bit high allows the transmitter to continue operation with a full TX Status
FIFO.
Note:
This bit does not affect the operation of the TX Status FIFO Full
interrupt.
R/W
0
1
Transmitter Enable (TX_ON). When this bit is set (1), the transmitter is
enabled. Any data in the TX FIFO will be sent. This bit is cleared
automatically when STOP_TX is set and the transmitter is halted.
R/W
0
0
Stop Transmitter (STOP_TX). When this bit is set (1), the transmitter will
finish the current frame, and will then stop transmitting. When the transmitter
has stopped this bit will clear. All writes to this bit are ignored while this bit
is high.
SC
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com