Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 36 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 36 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 32Page - SMSC Corporation LAN9211 Datasheet HTML 33Page - SMSC Corporation LAN9211 Datasheet HTML 34Page - SMSC Corporation LAN9211 Datasheet HTML 35Page - SMSC Corporation LAN9211 Datasheet HTML 36Page - SMSC Corporation LAN9211 Datasheet HTML 37Page - SMSC Corporation LAN9211 Datasheet HTML 38Page - SMSC Corporation LAN9211 Datasheet HTML 39Page - SMSC Corporation LAN9211 Datasheet HTML 40Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
36
SMSC LAN9211
DATASHEET
3.8
General Purpose Timer (GP Timer)
The General Purpose Timer is a programmable block that can be used to generate periodic host
interrupts. The resolution of this timer is 100uS.
The GP Timer loads the GPT_CNT Register with the value in the GPT_LOAD field and begins counting
down when the TIMER_EN bit is set to a ‘1.’ On a reset, or when the TIMER_EN bit changes from
set ‘1’ to cleared ‘0,’ the GPT_LOAD field is initialized to FFFFh. The GPT_CNT register is also
initialized to FFFFh on a reset. Software can write the pre-load value into the GPT_LOAD field at any
time; e.g., before or after the TIMER_EN bit is asserted. The GPT Enable bit TIMER_EN is located in
the GPT_CFG register.
Once enabled, the GPT counts down either until it reaches 0000h or until a new pre-load value is
written to the GPT_LOAD field. At 0000h, the counter wraps around to FFFFh, asserts the GPT
interrupt status bit and the IRQ signal if the GPT_INT_EN bit is set, and continues counting. The GPT
interrupt status bit is in the INT_STS Register. The GPT_INT hardware interrupt can only be set if the
GPT_INT_EN bit is set. GPT_INT is a sticky bit (R/WC); i.e., once the GPT_INT bit is set, it can only
be cleared by writing a ‘1’ to the bit.
Table 3.8 Endian Ordering Logic Operation
FIFO Access via Data
FIFO Port (00h-3Ch)
Direct FIFO Access via
FIFO_SEL
CSR Access
Host Data Bus
Host Data Bus
Host Data Bus
D[15:8]
D[7:0]
D[15:8]
D[7:0]
D[15:8]
D[7:0]
FPORTEND=0
FSELEND=0
A1=1
3
2
323
2
A1=0
1
0
101
0
FPORTEND=1
FSELEND=0
A1=1
0
1
323
2
A1=0
2
3
101
0
FPORTEND=0
FSELEND=1
A1=1
32
0
13
2
A1=0
10
2
31
0
FPORTEND=1
FSELEND=1
A1=1
0
1
0
13
2
A1=0
2
3
2
31
0
FPORTEND=0
FSELEND=0
A1=1
1
0
101
0
A1=0
3
2
323
2
FPORTEND=1
FSELEND=0
A1=1
2
3
101
0
A1=0
0
1
323
2
PORTEND=0
FSELEND=1
A1=1
10
2
31
0
A1=0
32
0
13
2
PORTEND=1
FSELEND=1
A1=1
2
3
2
31
0
A1=0
0
1
0
13
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com