Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 87 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 87 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 83Page - SMSC Corporation LAN9211 Datasheet HTML 84Page - SMSC Corporation LAN9211 Datasheet HTML 85Page - SMSC Corporation LAN9211 Datasheet HTML 86Page - SMSC Corporation LAN9211 Datasheet HTML 87Page - SMSC Corporation LAN9211 Datasheet HTML 88Page - SMSC Corporation LAN9211 Datasheet HTML 89Page - SMSC Corporation LAN9211 Datasheet HTML 90Page - SMSC Corporation LAN9211 Datasheet HTML 91Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9211
87
Revision 2.9 (03-01-12)
DATASHEET
5.3.9
HW_CFG—Hardware Configuration Register
Note: The transmitter and receiver must be stopped before writing to this register. Refer to Section
3.12.8, "Stopping and Starting the Transmitter," on page 60 and Section 3.13.4, "Stopping and
Starting the Receiver," on page 65 for details on stopping the transmitter and receiver.
Offset:
74h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31
Reserved
RO
-
30
Reserved
RO
-
29
FIFO Port Endian Ordering (FPORTEND). This control bit determines the
endianess of RX and TX data FIFO host accesses when accessed through
the RX/TX Data FIFO ports, including the alias addresses (any access from
00h to 3Ch). When this bit is cleared, data FIFO port accesses utilize little
endian byte ordering. When this bit is set, data FIFO port accesses utilize
big endian byte ordering. Please refer to section Section 3.7.3, "Mixed
Endian Support," on page 33 for more information on this feature.
R/W
NASR
0
28
Direct FIFO Access Endian Ordering (FSELEND). This control bit
determines the endianess of RX and TX data FIFO host accesses when
accessed using the FIFO_SEL signal. When this bit is cleared, FIFO_SEL
accesses utilize little endian byte ordering. When this bit is set, FIFO_SEL
accesses utilize big endian byte ordering. Please refer to section Section
3.7.3, "Mixed Endian Support," on page 33 for more information on this
feature.
R/W
NASR
0
27-25
Reserved
RO
-
24
AMDIX_EN Strap State. This read-only bit reflects the state of the
AMDIX_EN strap pin (pin 73). This pin can be overridden by PHY Registers
27.15 and 27.13
RO
AMDIX
Strap
Pin
23-21
Reserved
RO
20
Must Be One (MBO). This bit must be set to “1” for normal device
operation.
R/W
0
16-19
TX FIFO Size (TX_FIF_SZ). Sets the size of the TX FIFOs in 1KB values
to a maximum of 14KB. The TX Status FIFO consumes 512 bytes of the
space allocated by TX_FIF_SIZ, and the TX data FIFO consumes the
remaining space specified by TX_FIF_SZ. The minimum size of the TX
FIFOs is 2KB (TX data and status combined). The TX data FIFO is used for
both TX data and TX commands.
The RX Status and data FIFOs consume the remaining space, which is
equal to 16KB – TX_FIF_SIZ. See Section 5.3.9.1, "Allowable settings for
Configurable FIFO Memory Allocation," on page 89 for more information.
R/W
5h
15-2
Reserved
RO
-
1
Soft Reset Timeout (SRST_TO). If a software reset is attempted when the PHY
is not in the operational state (RX_CLK and TX_CLK running), the reset will not
complete and the soft reset operation will timeout and this bit will be set to a ‘1’. The
host processor must correct the problem and issue another soft reset.
RO
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com