Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 9 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 5Page - SMSC Corporation LAN9211 Datasheet HTML 6Page - SMSC Corporation LAN9211 Datasheet HTML 7Page - SMSC Corporation LAN9211 Datasheet HTML 8Page - SMSC Corporation LAN9211 Datasheet HTML 9Page - SMSC Corporation LAN9211 Datasheet HTML 10Page - SMSC Corporation LAN9211 Datasheet HTML 11Page - SMSC Corporation LAN9211 Datasheet HTML 12Page - SMSC Corporation LAN9211 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9211
9
Revision 2.9 (03-01-12)
DATASHEET
Chapter 1 General Description
The LAN9211 is a full-featured, single-chip 10/100 Ethernet controller designed for embedded
applications where performance, flexibility, ease of integration and system cost control are required.
The LAN9211 has been specifically designed to provide high performance and throughput for 16-bit
applications. The LAN9211 is fully IEEE 802.3 10BASE-T and 802.3u 100BASE-TX compliant, and
supports HP Auto-MDIX.
The LAN9211 includes an integrated Ethernet MAC and PHY with a high-performance SRAM-like slave
interface. The simple, yet highly functional host bus interface provides a glue-less connection to most
common 16-bit microprocessors and microcontrollers as well as 32-bit microprocessors with a 16-bit
external bus. The integrated checksum offload engines enable the automatic generation of the 16-bit
checksum for received and transmitted Ethernet frames, offloading the task from the CPU. The
LAN9211 also includes large transmit and receive data FIFOs to accommodate high latency
applications. In addition, the LAN9211 memory buffer architecture allows highly efficient use of memory
resources by optimizing packet granularity.
Applications
The LAN9211 is well suited for many medium-high-performance embedded applications, including:
Medium-range cable, satellite and IP set-top boxes
High-end audio distribution systems
Digital video recorders
DVD Recorders/Players
Digital TV
Digital media clients/servers
Home gateways
The LAN9211 also supports features which reduce or eliminate packet loss. Its internal 16-KByte
SRAM can hold over 200 received packets. If the receive FIFO gets too full, the LAN9211 can
automatically generate flow control packets to the remote node, or assert back-pressure on the remote
node by generating network collisions.
The LAN9211 supports numerous power management and wakeup features. The LAN9211 can be
placed in a reduced power mode and can be programmed to issue an external wake signal via several
methods, including “Magic Packet”, “Wake on LAN” and “Link Status Change”. This signal is ideal for
triggering system power-up using remote Ethernet wakeup events. The device can be removed from
the low power state via a host processor command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com