Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 94 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 94 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 90Page - SMSC Corporation LAN9211 Datasheet HTML 91Page - SMSC Corporation LAN9211 Datasheet HTML 92Page - SMSC Corporation LAN9211 Datasheet HTML 93Page - SMSC Corporation LAN9211 Datasheet HTML 94Page - SMSC Corporation LAN9211 Datasheet HTML 95Page - SMSC Corporation LAN9211 Datasheet HTML 96Page - SMSC Corporation LAN9211 Datasheet HTML 97Page - SMSC Corporation LAN9211 Datasheet HTML 98Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
94
SMSC LAN9211
DATASHEET
5.3.14
GPIO_CFG—General Purpose IO Configuration Register
This register configures the GPIO and LED functions.
Offset:
88h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31
Reserved
RO
-
30:28
LED[3:1] enable (LEDx_EN). A ‘1’ sets the associated pin as an LED
output. When cleared low, the pin functions as a GPIO signal.
LED1/GPIO0 – bit 28
LED2/GPIO1 – bit 29
LED3/GPIO2 – bit 30
R/W
000
27
Reserved
RO
-
26:24
GPIO Interrupt Polarity 0-2 (GPIO_INT_POL). When set high, a high logic
level on the corresponding GPIO pin will set the corresponding INT_STS
register bit. When cleared low, a low logic level on the corresponding GPIO
pin will set the corresponding INT_STS register bit.
GPIO Interrupts must also be enabled in GPIOx_INT_EN in the INT_EN
register.
GPIO0 – bit 24
GPIO1 – bit 25
GPIO2 – bit 26
Note:
GPIO inputs must be active for greater than 40nS to be recognized
as interrupt inputs.
R/W
000
23
Reserved
RO
-
22:20
EEPROM Enable (EEPR_EN). The value of this field determines the
function of the external EEDIO and EECLK:
Please refer to Table 5.4 for the EEPROM Enable bit function definitions.
Note:
The host must not change the function of the EEDIO and EECLK
pins when an EEPROM read or write cycle is in progress. Do not
use reserved settings.
R/W
000
19
Reserved
RO
-
18:16
GPIO Buffer Type 0-2 (GPIOBUFn). When set, the output buffer for the
corresponding GPIO signal is configured as a push/pull driver. When
cleared, the corresponding GPIO set configured as an open-drain driver.
GPIO0 – bit 16
GPIO1 – bit 17
GPIO2 – bit 18
R/W
000
15:11
Reserved
RO
-
10:8
GPIO Direction 0-2 (GPDIRn). When set, enables the corresponding GPIO
as output. When cleared the GPIO is enabled as an input.
GPIO0 – bit 8
GPIO1 – bit 9
GPIO2 – bit 10
R/W
0000
7:5
Reserved
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com