Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 60 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 60 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 56Page - SMSC Corporation LAN9211 Datasheet HTML 57Page - SMSC Corporation LAN9211 Datasheet HTML 58Page - SMSC Corporation LAN9211 Datasheet HTML 59Page - SMSC Corporation LAN9211 Datasheet HTML 60Page - SMSC Corporation LAN9211 Datasheet HTML 61Page - SMSC Corporation LAN9211 Datasheet HTML 62Page - SMSC Corporation LAN9211 Datasheet HTML 63Page - SMSC Corporation LAN9211 Datasheet HTML 64Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
60
SMSC LAN9211
DATASHEET
3.12.7
Transmitter Errors
If the Transmitter Error (TXE) flag is asserted for any reason, the transmitter will continue operation.
TX Error (TXE) will be asserted under the following conditions:
If the actual packet length count does not match the Packet Length field as defined in the TX
command.
Both TX command ‘A’ and TX command ‘B’ are required for each buffer in a given packet. TX
command ‘B’ must be identical for every buffer in a given packet. If the TX command ‘B’ words do
not match, the Ethernet controller will assert the Transmitter Error (TXE) flag.
Host overrun of the TX data FIFO.
Overrun of the TX status FIFO (unless TXSAO is enabled)
3.12.8
Stopping and Starting the Transmitter
To halt the transmitter, the host must set the TX_STOP bit in the TX_CFG register. The transmitter will
finish sending the current frame (if there is a frame transmission in progress). When the transmitter
has received the TX status for this frame, it will clear the TX_STOP and TX_ON bits, and will pulse
the TXSTOP_INT.
Once stopped, the host can optionally clear the TX status and TX data FIFOs. The host must re-enable
the transmitter by setting the TX_ON bit. If the there are frames pending in the TX data FIFO (i.e., TX
data FIFO was not purged), the transmission will resume with this data.
3.13
RX Data Path Operation
When an Ethernet Packet is received, the MIL first begins to transfer the RX data. This data is loaded
into the RX data FIFO. The RX data FIFO pointers are updated as data is written into the FIFO.
The last transfer from the MIL is the RX status word. The LAN9211 implements a separate FIFO for
the RX status words. The total available RX data and status queued in the RX FIFO can be read from
the RX_FIFO_INF register. The host may read any number of available RX status words before
reading the RX data FIFO.
The host must use caution when reading the RX data and status. The host must never read more data
than what is available in the FIFOs. If this is attempted an underrun condition will occur. If this error
occurs, the Ethernet controller will assert the Receiver Error (RXE) interrupt. If an underrun condition
occurs, a soft reset is required to regain host synchronization.
A configurable beginning offset is supported in the LAN9211. The RX data Offset field in the RX_CFG
register controls the number of bytes that the beginning of the RX data buffer is shifted. The host can
set an offset from 0-31 bytes. The offset may be changed in between RX packets, but it must not be
changed during an RX packet read.
The LAN9211 can be programmed to add padding at the end of a receive packet in the event that the
end of the packet does not align with the host burst boundary. This feature is necessary when the
LAN9211 is operating in a system that always performs multi-DWORD bursts. In such cases the
LAN9211 must guarantee that it can transfer data in multiples of the Burst length regardless of the
actual packet length. When configured to do so, the LAN9211 will add extra data at the end of the
packet to allow the host to perform the necessary number of reads so that the Burst length is not cut
short. Once a packet has been padded by the H/W, it is the responsibility of the host to interrogate the
Packet length field in the RX status and determine how much padding to discard at the end of the
Packet.
It is possible to read multiple packets out of the RX data FIFO in one continuous stream. It should be
noted that the programmed Offset and Padding will be added to each individual packet in the stream,
since packet boundaries are maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com