Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 15 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 15 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 11Page - SMSC Corporation LAN9211 Datasheet HTML 12Page - SMSC Corporation LAN9211 Datasheet HTML 13Page - SMSC Corporation LAN9211 Datasheet HTML 14Page - SMSC Corporation LAN9211 Datasheet HTML 15Page - SMSC Corporation LAN9211 Datasheet HTML 16Page - SMSC Corporation LAN9211 Datasheet HTML 17Page - SMSC Corporation LAN9211 Datasheet HTML 18Page - SMSC Corporation LAN9211 Datasheet HTML 19Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9211
15
Revision 2.9 (03-01-12)
DATASHEET
2.1
Pin List
Note: The pin names for the twisted pair pins shown above apply to a normal connection. If HP Auto-
MDIX is enabled and a reverse connection is detected, or a reverse connection is manually
selected, the input pins become outputs, and vice-versa, as indicated in the descriptions.
Table 2.1 Host Bus Interface Signals
NAME
SYMBOL
BUFFER
TYPE
#
PINS
DESCRIPTION
Host Data
D[15:0]
I/O8
16
Bi-directional data port.
Host Address
A[7:1]
IS
7
7-bit Address Port. Used to select Internal CSR’s and
TX and RX FIFOs.
Read Strobe
nRD
IS
1
Active low strobe to indicate a read cycle.
Write Strobe
nWR
IS
1
Active low strobe to indicate a write cycle. This signal,
qualified with nCS, is also used to wakeup the
LAN9211 when it is in a reduced power state.
Chip Select
nCS
IS
1
Active low signal used to qualify read and write
operations. This signal qualified with nWR is also used
to wakeup the LAN9211 when it is in a reduced power
state.
Interrupt
Request
IRQ
O8/OD8
1
Programmable Interrupt request. Programmable
polarity, source and buffer types.
FIFO Select
FIFO_SEL
IS
1
When driven high all accesses to the LAN9211 are to
the RX or TX Data FIFOs. In this mode, the A[7:3]
upper address inputs are ignored.
Table 2.2 LAN Interface Signals
NAME
SYMBOL
BUFFER
TYPE
NUM
PINS
DESCRIPTION
TPO+
TPO+
AO
1
Transmit Positive Output (normal)
Receive Positive Input (reversed)
TPO-
TPO-
AO
1
Transmit Negative Output (normal)
Receive Negative Input (reversed)
TPI+
TPI+
AI
1
Receive Positive Input (normal)
Transmit Positive Input (reversed)
TPI-
TPI-
AI
1
Receive Negative Input (normal)
Transmit Negative Output (reversed)
PHY External Bias
Resistor
EXRES1
AI
1
Must be connected to ground through a 12.4K
ohm 1% resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com