Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 33 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 33 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 29Page - SMSC Corporation LAN9211 Datasheet HTML 30Page - SMSC Corporation LAN9211 Datasheet HTML 31Page - SMSC Corporation LAN9211 Datasheet HTML 32Page - SMSC Corporation LAN9211 Datasheet HTML 33Page - SMSC Corporation LAN9211 Datasheet HTML 34Page - SMSC Corporation LAN9211 Datasheet HTML 35Page - SMSC Corporation LAN9211 Datasheet HTML 36Page - SMSC Corporation LAN9211 Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9211
33
Revision 2.9 (03-01-12)
DATASHEET
3.7.2
Bus Reads
The host processor is required to perform two consecutive 16-bit reads to complete a single DWORD
transfer. This DWORD must begin and end on a DWORD address boundary (A[2] and higher, cannot
change during a sixteen bit read). No ordering requirements exist. The processor can access either
the low or high word first, as long as the next read is performed from the other word. If a read to the
same word is performed, the data read is invalid and should be re-read. This is not a fatal error. The
LAN9211 will reset its read counters and restart a new cycle on the next read.
3.7.3
Mixed Endian Support
In order to allow flexibility with a range of designs, the LAN9211 supports mixed endian Data FIFO
accesses. The LAN9211 provides the ability to select Data FIFO endianess separately for accesses
through the Data FIFO ports (addresses 00h-3Ch) or using the FIFO_SEL input signal. This is
accomplished via the FPORTEND and FSELEND bits of the HW_CFG—Hardware Configuration
Register, respectively.
The FPORTEND bit determines the endianess of RX and TX Data FIFO host accesses made through
the Data FIFO port addresses (00h-3Ch). When FPORTEND is cleared, Data FIFO port accesses
utilize little endian byte ordering. When FPORTEND is set, Data FIFO port accesses utilize big endian
byte ordering.
The FSELEND bit determines the endianess of RX and TX Data FIFO host accesses when using the
FIFO_SEL signal. When FSELEND is cleared, FIFO_SEL accesses utilize little endian byte ordering.
When FSELEND is set, FIFO_SEL accesses utilize big endian byte ordering.
In addition to mixed endian support, the LAN9211 provides a word swap function, as described in
Section 3.7.4. The word swap function combined with the endianess select bits described above
determines how the Data/Status FIFO’s and CSR host access byte ordering is applied. Table 3.8
describes the various operation modes of the endianess and word swap ordering logic. Figure 3.9
illustrates the FIFO access byte ordering under various endianess and word swap settings. Refer to
Section 3.7.4 for additional details.
Note: CSR and status FIFO accesses are not affected by the FPORTEND and FSELEND endianess
select bits.
3.7.4
Word Swap Function
In addition to mixed endian functionality, the LAN9211 supports a Word Swap Function. This feature
is controlled by the Word Swap Register, which is described in Section 5.3.17, "WORD_SWAP—Word
Swap Control," on page 96. This register affects how words on the data bus are written to or read from
the Control and Status Registers and the Transmit and Receive Data/Status FIFOs.
Both the word swap function and the mixed endian control bits contain the ability to change the byte
ordering of host data path accesses. Figure 3.8 illustrates the order in which the word swap and
endianess select logic is applied within the LAN9211. Logically, the endian control logic is applied after
the word swap logic for write operations, and before the word swap logic for read operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com