Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 18 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 18 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 14Page - SMSC Corporation LAN9211 Datasheet HTML 15Page - SMSC Corporation LAN9211 Datasheet HTML 16Page - SMSC Corporation LAN9211 Datasheet HTML 17Page - SMSC Corporation LAN9211 Datasheet HTML 18Page - SMSC Corporation LAN9211 Datasheet HTML 19Page - SMSC Corporation LAN9211 Datasheet HTML 20Page - SMSC Corporation LAN9211 Datasheet HTML 21Page - SMSC Corporation LAN9211 Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
18
SMSC LAN9211
DATASHEET
Note 2.1
Please refer to the SMSC application note AN16.6 - “Migrating from LAN9215 to the
LAN9210/LAN9211” for additional details.
General Purpose
I/O data,
nLED1 (Speed
Indicator),
nLED2 (Link &
Activity Indicator),
nLED3 (Full-
Duplex
Indicator).
GPIO[2:0]/
nLED[3:1]
IS/O12/
OD12
3
General Purpose I/O data: These three
general-purpose signals are fully programmable
as either push-pull output, open-drain output or
input by writing the GPIO_CFG configuration
register in the CSR’s. They are also multiplexed
as GP LED connections.
GPIO signals are Schmitt-triggered inputs.
When configured as LED outputs these signals
are open-drain.
nLED1 (Speed Indicator). This signal is driven
low when the operating speed is 100Mb. During
auto-negotiation, when the cable is
disconnected, and during 10Mbs operation, this
signal is driven high.
nLED2 (Link & Activity Indicator). This signal
is driven low (LED on) when the LAN9211
detects a valid link. This signal is pulsed high
(LED off) for 80mS whenever transmit or
receive activity is detected. This signal is then
driven low again for a minimum of 80mS, after
which time it will repeat the process if TX or RX
activity is detected. Effectively, LED2 is
activated solid for a link. When transmit or
receive activity is sensed LED2 will flash as an
activity indicator.
nLED3 (Full-Duplex Indicator). This signal is
driven low when the link is operating in full-
duplex mode.
+3.3V I/O Power
VDD_IO
P
5
+3.3V I/O logic power supply pins
Common Ground
VSS
P
1 pad
Common Ground
+3.3V Analog
Power
VDD_A33
P
3
+3.3V analog power supply pins. See Note 2.1.
+1.8V Analog
Power
VDD_A18
P
1
+1.8V analog power supply pin. This pin must
be connected externally to VDD_CORE. See
Note 2.1.
Core Voltage
Decoupling
VDD_CORE
P
2
+1.8 V from internal core regulator. Both pins
must be connected together externally. Each
pin requires a 0.01uF decoupling capacitor. In
addition, pin 2 requires a bulk 4.7uF capacitor
(<2 Ohm ESR) in parallel. These pins must not
be used to supply power to other external
devices. See Note 2.1.
Table 2.4 System and Power Signals (continued)
NAME
SYMBOL
BUFFER
TYPE
NUM
PINS
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com