Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 79 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 79 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 75Page - SMSC Corporation LAN9211 Datasheet HTML 76Page - SMSC Corporation LAN9211 Datasheet HTML 77Page - SMSC Corporation LAN9211 Datasheet HTML 78Page - SMSC Corporation LAN9211 Datasheet HTML 79Page - SMSC Corporation LAN9211 Datasheet HTML 80Page - SMSC Corporation LAN9211 Datasheet HTML 81Page - SMSC Corporation LAN9211 Datasheet HTML 82Page - SMSC Corporation LAN9211 Datasheet HTML 83Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9211
79
Revision 2.9 (03-01-12)
DATASHEET
5.3.1
ID_REV—Chip ID and Revision
This register contains the ID and Revision fields for this design.
5.3.2
IRQ_CFG—Interrupt Configuration Register
This register configures and indicates the state of the IRQ signal.
Offset:
50h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31-16
Chip ID. This read-only field identifies this design
RO
9211h
15-0
Chip Revision
RO
0000h
Offset:
54h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:24
Interrupt Deassertion Interval (INT_DEAS). This field determines the
Interrupt Request Deassertion Interval in multiples of 10 microseconds.
Setting this field to zero causes the device to disable the INT_DEAS
Interval, reset the interval counter, and issue any pending interrupts. If a
new, non-zero value is written to this field, any subsequent interrupts will
obey the new setting.
Note:
This field does not apply to the PME interrupt.
R/W
0
23-15
Reserved
RO
-
14
Interrupt Deassertion Interval Clear (INT_DEAS_CLR). Writing a one
to this register clears the de-assertion counter in the IRQ Controller, thus
causing a new de-assertion interval to begin (regardless of whether or
not the IRQ Controller is currently in an active de-assertion interval).
SC
0
13
Interrupt Deassertion Status (INT_DEAS_STS). When set, this bit
indicates that interrupts are currently in a deassertion interval, and will
not be delivered to the IRQ pin. When this bit is clear, interrupts are not
currently in a deassertion interval, and will be delivered to the IRQ pin.
SC
0
12
Master Interrupt (IRQ_INT). This read-only bit indicates the state of the
internal IRQ line, regardless of the setting of the IRQ_EN bit, or the state
of the interrupt de-assertion function. When this bit is high, one of the
enabled interrupts is currently active.
RO
0
11-9
Reserved
RO
-
8
IRQ Enable (IRQ_EN) – This bit controls the final interrupt output to the
IRQ pin. When clear, the IRQ output is disabled and permanently
deasserted. This bit has no effect on any internal interrupt status bits.
R/W
0
7-5
Reserved
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com