Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 51 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 51 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 47Page - SMSC Corporation LAN9211 Datasheet HTML 48Page - SMSC Corporation LAN9211 Datasheet HTML 49Page - SMSC Corporation LAN9211 Datasheet HTML 50Page - SMSC Corporation LAN9211 Datasheet HTML 51Page - SMSC Corporation LAN9211 Datasheet HTML 52Page - SMSC Corporation LAN9211 Datasheet HTML 53Page - SMSC Corporation LAN9211 Datasheet HTML 54Page - SMSC Corporation LAN9211 Datasheet HTML 55Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9211
51
Revision 2.9 (03-01-12)
DATASHEET
TX COMMAND ‘A’
Table 3.12 TX Command 'A' Format
BITS
DESCRIPTION
31
Interrupt on Completion. When set, the TXDONE flag will be asserted when the current buffer has
been fully loaded into the TX FIFO. This flag may be optionally mapped to a host interrupt.
30:26
Reserved. These bits are reserved. Always write zeros to this field to guarantee future compatibility.
25:24
Buffer End Alignment. This field specifies the alignment that must be maintained on the last data
transfer of a buffer. The host will add extra DWORDs of data up to the alignment specified in the
table below. The LAN9211 will remove the extra DWORDs. This mechanism can be used to maintain
cache line alignment on host processors.
23:21
Reserved. These bits are reserved. Always write zeros to this field to guarantee future compatibility
20:16
Data Start Offset (bytes). This field specifies the offset of the first byte of TX data. The offset value
can be anywhere from 0 bytes to 31 a Byte offset.
15:14
Reserved. These bits are reserved. Always write zeros to this field to guarantee future compatibility
13
First Segment (FS). When set, this bit indicates that the associated buffer is the first segment of the
packet.
12
Last Segment. When set, this bit indicates that the associated buffer is the last segment of the
packet
11
Reserved. These bits are reserved. Always write zeros to this field to guarantee future compatibility.
10:0
Buffer Size (bytes). This field indicates the number of bytes contained in the buffer following this
command. This value, along with the Buffer End Alignment field, is read and checked by the LAN9211
and used to determine how many extra DWORD’s were added to the end of the Buffer. A running
count is also maintained in the LAN9211 of the cumulative buffer sizes for a given packet. This
cumulative value is compared against the Packet Length field in the TX command ‘B’ word and if
they do not correlate, the TXE flag is set.
Note:
The buffer size specified does not include the buffer end alignment padding or data start
offset added to a buffer.
[25]
[24]
End Alignment
0
0
4-byte alignment
0
1
16-byte alignment
1
0
32-byte alignment
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com