Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 43 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 43 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 39Page - SMSC Corporation LAN9211 Datasheet HTML 40Page - SMSC Corporation LAN9211 Datasheet HTML 41Page - SMSC Corporation LAN9211 Datasheet HTML 42Page - SMSC Corporation LAN9211 Datasheet HTML 43Page - SMSC Corporation LAN9211 Datasheet HTML 44Page - SMSC Corporation LAN9211 Datasheet HTML 45Page - SMSC Corporation LAN9211 Datasheet HTML 46Page - SMSC Corporation LAN9211 Datasheet HTML 47Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9211
43
Revision 2.9 (03-01-12)
DATASHEET
Note 3.4
The LAN9211 must always be read at least once after power-up, reset, or upon return from
a power-saving state, otherwise write operations will not function.
In system configurations where the PME signal is shared amongst multiple devices, the WUPS field
within the PMT_CTRL register can be read to determine which LAN9211 device is driving the PME
signal.
When the LAN9211 is in a power saving state (D1 or D2), a write cycle to the BYTE_TEST register
will return the LAN9211 to the D0 state. Table 7.2, “Power Consumption Device and System
Components,” on page 139 and Table 7.2, “Power Consumption Device and System Components,” on
page 139, shows the power consumption values for each power state.
Note 3.5
When the LAN9211 is in a power saving state, a write of any data to the BYTE_TEST
register will wake-up the device. DO NOT PERFORM WRITES TO OTHER
ADDRRESSES while the READY bit in the PMT_CTRL register is cleared.
3.10.2.1
D1 Sleep
Power consumption is reduced in this state by disabling clocks to portions of the internal logic as
shown in Table 3.10. In this mode the clock to the internal PHY and portions of the MAC are still
operational. This state is entered when the host writes a '01' to the PM_MODE bits in the Power
Management (PMT_CTRL) register. The READY bit in PMT_CTRL is cleared when entering the D1
state.
Wake-up frame and Magic Packet detection are automatically enabled in the D1 state. If properly
enabled via the WOL_EN and PME_EN bits, the LAN9211 will assert the PME hardware signal upon
the detection of the wake-up frame or magic packet. The LAN9211 can also assert the host interrupt
(IRQ) on detection of a wake-up frame or magic packet. Upon detection, the WUPS field in PMT_CTRL
will be set to a 10b.
Note 3.6
The PME interrupt status bit (PME_INT) in the INT_STS register is set regardless of the
setting of PME_EN.
Note 3.7
Wake-up frame and Magic Packet detection is automatically enabled when entering the D1
state. For wake-up frame detection, the wake-up frame filter must be programmed before
entering the D1 state (see Section 3.5, "Wake-up Frame Detection," on page 25). If used,
the host interrupt and PME signal must be enabled prior to entering the D1 state.
A write to the BYTE_TEST register, regardless of whether a wake-up frame or Magic Packet was
detected, will return LAN9211 to the D0 state and will reset the PM_MODE field to the D0 state. As
noted above, the host is required to check the READY bit and verify that it is set before attempting
any other reads or writes of the device.
Note 3.8
The host must only perform read accesses prior to the ready bit being set.
Once the READY bit is set, the LAN9211 is ready to resume normal operation. At this time the WUPS
field can be cleared.
3.10.2.2
D2 Sleep
In this state, as shown in Table 3.10, all clocks to the MAC and host bus are disabled and the PHY is
placed in a reduced power state. To enter this state, the EDPWRDOWN bit in register 17 of the PHY
(Mode Control/Status register) must be set. This places the PHY in the Energy Detect mode. The
PM_MODE bits in the PMT_CTRL register must then be set to 10b. Upon setting the PM_MODE bits,
the LAN9211 will enter the D2 sleep state. The READY bit in PMT_CTRL is cleared when entering the
D2 state.
Note 3.9
If carrier is present when this state is entered detection will occur immediately.
If properly enabled via the ED_EN and PME_EN bits, the LAN9211 will assert the PME hardware
signal upon detection of a valid carrier. Upon detection, the WUPS field in PMT_CTRL will be set to
a 01b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com