Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 101 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 101 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 97Page - SMSC Corporation LAN9211 Datasheet HTML 98Page - SMSC Corporation LAN9211 Datasheet HTML 99Page - SMSC Corporation LAN9211 Datasheet HTML 100Page - SMSC Corporation LAN9211 Datasheet HTML 101Page - SMSC Corporation LAN9211 Datasheet HTML 102Page - SMSC Corporation LAN9211 Datasheet HTML 103Page - SMSC Corporation LAN9211 Datasheet HTML 104Page - SMSC Corporation LAN9211 Datasheet HTML 105Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9211
101
Revision 2.9 (03-01-12)
DATASHEET
5.3.23
E2P_CMD – EEPROM Command Register
This register is used to control the read and write operations with the Serial EEPROM.
Offset:
B0h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31
EPC Busy: When a 1 is written into this bit, the operation specified in the
EPC command field is performed at the specified EEPROM address. This
bit will remain set until the operation is complete. In the case of a read this
means that the host can read valid data from the E2P data register. The
E2P_CMD and E2P_DATA registers should not be modified until this bit is
cleared. In the case where a write is attempted and an EEPROM is not
present, the EPC Busy remains busy until the EPC Time-out occurs. At that
time the busy bit is cleared.
Note:
EPC busy will be high immediately following power-up or reset.
After the EEPROM controller has finished reading (or attempting to
read) the MAC address from the EEPROM the EPC Busy bit is
cleared.
SC
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com