Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 104 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 104 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 100Page - SMSC Corporation LAN9211 Datasheet HTML 101Page - SMSC Corporation LAN9211 Datasheet HTML 102Page - SMSC Corporation LAN9211 Datasheet HTML 103Page - SMSC Corporation LAN9211 Datasheet HTML 104Page - SMSC Corporation LAN9211 Datasheet HTML 105Page - SMSC Corporation LAN9211 Datasheet HTML 106Page - SMSC Corporation LAN9211 Datasheet HTML 107Page - SMSC Corporation LAN9211 Datasheet HTML 108Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
104
SMSC LAN9211
DATASHEET
5.4
MAC Control and Status Registers
These registers are located in the MAC module and are accessed indirectly through the MAC-CSR
synchronizer port. Table 5.6, "MAC CSR Register Map", shown below, lists the MAC registers that are
accessible through the indexing method using the MAC_CSR_CMD and MAC_CSR_DATA registers
(see sections MAC_CSR_CMD – MAC CSR Synchronizer Command Register and MAC_CSR_DATA
– MAC CSR Synchronizer Data Register).
Table 5.6 MAC CSR Register Map
MAC CONTROL AND STATUS REGISTERS
INDEX
SYMBOL
REGISTER NAME
DEFAULT
1MAC_CR
MAC Control Register
00040000h
2
ADDRH
MAC Address High
0000FFFFh
3
ADDRL
MAC Address Low
FFFFFFFFh
4
HASHH
Multicast Hash Table High
00000000h
5
HASHL
Multicast Hash Table Low
00000000h
6MII_ACC
MII Access
00000000h
7
MII_DATA
MII Data
00000000h
8FLOW
Flow Control
00000000h
9VLAN1
VLAN1 Tag
00000000h
AVLAN2
VLAN2 Tag
00000000h
BWUFF
Wake-up Frame Filter
00000000h
CWUCSR
Wake-up Control and Status
00000000h
DCOE_CR
Checksum Offload Engine Control
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com