Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 108 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 108 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 104Page - SMSC Corporation LAN9211 Datasheet HTML 105Page - SMSC Corporation LAN9211 Datasheet HTML 106Page - SMSC Corporation LAN9211 Datasheet HTML 107Page - SMSC Corporation LAN9211 Datasheet HTML 108Page - SMSC Corporation LAN9211 Datasheet HTML 109Page - SMSC Corporation LAN9211 Datasheet HTML 110Page - SMSC Corporation LAN9211 Datasheet HTML 111Page - SMSC Corporation LAN9211 Datasheet HTML 112Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
108
SMSC LAN9211
DATASHEET
5.4.2
ADDRH—MAC Address High Register
The MAC Address High register contains the upper 16-bits of the physical address of the MAC. The
contents of this register are optionally loaded from the EEPROM at power-on through the EEPROM
Controller if a programmed EEPROM is detected. The least significant byte of this register (bits [7:0])
is loaded from address 0x05 of the EEPROM. The second byte (bits [15:8]) is loaded from address
0x06 of the EEPROM. Please refer to Section 4.6 for more information on the EEPROM. Section 5.4.3
details the byte ordering of the ADDRL and ADDRH registers with respect to the reception of the
Ethernet physical address.
Offset:
2
Attribute:
R/W
Default Value:
0000FFFFh
Size:
32 bits
BITS
DESCRIPTION
31-16
Reserved
15-0
Physical Address [47:32]. This field contains the upper 16-bits (47:32) of the Physical Address of
the LAN9211 device. The content of this field is undefined until loaded from the EEPROM at power-
on. The host can update the contents of this field after the initialization process has completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com