Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 111 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 111 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 107Page - SMSC Corporation LAN9211 Datasheet HTML 108Page - SMSC Corporation LAN9211 Datasheet HTML 109Page - SMSC Corporation LAN9211 Datasheet HTML 110Page - SMSC Corporation LAN9211 Datasheet HTML 111Page - SMSC Corporation LAN9211 Datasheet HTML 112Page - SMSC Corporation LAN9211 Datasheet HTML 113Page - SMSC Corporation LAN9211 Datasheet HTML 114Page - SMSC Corporation LAN9211 Datasheet HTML 115Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9211
111
Revision 2.9 (03-01-12)
DATASHEET
5.4.6
MII_ACC—MII Access Register
This register is used to control the Management cycles to the PHY.
5.4.7
MII_DATA—MII Data Register
This register contains either the data to be written to the PHY register specified in the MII Access
Register, or the read data from the PHY register whose index is specified in the MII Access Register.
Offset:
6
Attribute:
R/W
Default Value:
00000000h
Size:
32 bits
BITS
DESCRIPTION
31-16
Reserved
15-11
PHY Address: For every access to this register, this field must be set to 00001b.
10-6
MII Register Index (MIIRINDA): These bits select the desired MII register in the PHY.
5-2
Reserved
1
MII Write (MIIWnR): Setting this bit tells the PHY that this will be a write operation using the MII data
register. If this bit is not set, this will be a read operation, packing the data in the MII data register.
0
MII Busy (MIIBZY): This bit must be polled to determine when the MII register access is complete.
This bit must read a logical 0 before writing to this register and MII data register.
The LAN driver software must set (1) this bit in order for the LAN9211 to read or write any of the MII
PHY registers.
During a MII register access, this bit will be set, signifying a read or write access is in progress. The
MII data register must be kept valid until the MAC clears this bit during a PHY write operation. The
MII data register is invalid until the MAC has cleared this bit during a PHY read operation.
Offset:
7
Attribute:
R/W
Default Value:
00000000h
Size:
32 bits
BITS
DESCRIPTION
31-16
Reserved
15-0
MII Data. This contains the 16-bit value read from the PHY read operation or the 16-bit data value to
be written to the PHY before an MII write operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com