Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 114 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 114 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 110Page - SMSC Corporation LAN9211 Datasheet HTML 111Page - SMSC Corporation LAN9211 Datasheet HTML 112Page - SMSC Corporation LAN9211 Datasheet HTML 113Page - SMSC Corporation LAN9211 Datasheet HTML 114Page - SMSC Corporation LAN9211 Datasheet HTML 115Page - SMSC Corporation LAN9211 Datasheet HTML 116Page - SMSC Corporation LAN9211 Datasheet HTML 117Page - SMSC Corporation LAN9211 Datasheet HTML 118Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
114
SMSC LAN9211
DATASHEET
5.4.11
WUFF—Wake-up Frame Filter
This register is used to configure the wake up frame filter.
5.4.12
WUCSR—Wake-up Control and Status Register
This register contains data pertaining to the MAC’s remote wake-up status and capabilities.
Offset:
B
Attribute:
WO
Default Value:
00000000h
Size:
32 bits
BITS
DESCRIPTION
31-0
Wake-Up Frame Filter (WFF). Wake-Up Frame Filter (WFF). The Wake-up frame filter is configured
through this register using an indexing mechanism. After hardware reset, or soft reset, the MAC loads
the first value written to this location to the first DWORD in the Wake-up frame filter (filter 0 byte
mask). The second value written to this location is loaded to the second DWORD in the wake-up
frame filter (filter 1 byte mask) and so on. Once all eight DWORDs have been written, the internal
pointer will once again point to the first entry and the filter entries can be modified in the same manner.
Note:
This is a write-only register.
Offset:
C
Attribute:
R/W
Default Value:
00000000h
Size:
32 bits
BITS
DESCRIPTION
31-10
Reserved
9
Global Unicast Enable (GUE). When set, the MAC wakes up from power-saving mode on receipt of
a global unicast frame. A global unicast frame has the MAC Address [0] bit set to 0.
8-7
Reserved
6
Remote Wake-Up Frame Received (WUFR). The MAC, upon receiving a valid Remote Wake-up
frame, sets this bit.
5
Magic Packet Received (MPR). The MAC, upon receiving a valid Magic Packet, sets this bit.
4-3
Reserved
2
Wake-Up Frame enabled (WUEN). When set, Remote Wake-Up mode is enabled and the MAC is
capable of detecting wake-up frames as programmed in the wake-up frame filter.
1
Magic Packet Enable (MPEN). When set, Magic Packet Wake-up mode is enabled.
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com