Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 116 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 116 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 112Page - SMSC Corporation LAN9211 Datasheet HTML 113Page - SMSC Corporation LAN9211 Datasheet HTML 114Page - SMSC Corporation LAN9211 Datasheet HTML 115Page - SMSC Corporation LAN9211 Datasheet HTML 116Page - SMSC Corporation LAN9211 Datasheet HTML 117Page - SMSC Corporation LAN9211 Datasheet HTML 118Page - SMSC Corporation LAN9211 Datasheet HTML 119Page - SMSC Corporation LAN9211 Datasheet HTML 120Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
116
SMSC LAN9211
DATASHEET
5.5
PHY Registers
The PHY registers are not memory mapped. These registers are accessed indirectly through the MAC
via the MII_ACC and MII_DATA registers. An index must be used to access individual PHY registers.
PHY Register Indexes are shown in Table 5.8, "LAN9211 PHY Control and Status Register".
Note: The NASR (Not Affected by Software Reset) designation is only applicable when bit 15 of
the PHY Basic Control Register (Reset) is set.
Table 5.8 LAN9211 PHY Control and Status Register
PHY CONTROL AND STATUS REGISTERS
INDEX
(IN DECIMAL)
REGISTER NAME
0
Basic Control Register
1
Basic Status Register
2
PHY Identifier 1
3
PHY Identifier 2
4
Auto-Negotiation Advertisement Register
5
Auto-Negotiation Link Partner Ability Register
6
Auto-Negotiation Expansion Register
17
Mode Control/Status Register
18
Special Modes Register
27
Special Control/Status Indications
29
Interrupt Source Register
30
Interrupt Mask Register
31
PHY Special Control/Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com