Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 115 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 115 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 111Page - SMSC Corporation LAN9211 Datasheet HTML 112Page - SMSC Corporation LAN9211 Datasheet HTML 113Page - SMSC Corporation LAN9211 Datasheet HTML 114Page - SMSC Corporation LAN9211 Datasheet HTML 115Page - SMSC Corporation LAN9211 Datasheet HTML 116Page - SMSC Corporation LAN9211 Datasheet HTML 117Page - SMSC Corporation LAN9211 Datasheet HTML 118Page - SMSC Corporation LAN9211 Datasheet HTML 119Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9211
115
Revision 2.9 (03-01-12)
DATASHEET
5.4.13
COE_CR—Checksum Offload Engine Control Register
This register controls the transmit and receive checksum offload engines.
Offset:
D
Attribute:
R/W
Default Value:
00000000h
Size:
32 bits
BITS
DESCRIPTION
31-17
Reserved
16
TX Checksum Offload Engine Enable (TXCOE_EN). This bit enables/disables the Transmit COE.
This bit may only be changed if the TX data path is disabled.
0: The TXCOE is bypassed
1: The TXCOE is enabled
15-2
Reserved
1
RX Checksum Offload Engine Mode (RXCOE_MODE) This register indicates whether the RXCOE
will check for VLAN tags or a SNAP header prior to beginning its checksum calculation. In its default
mode, the calculation will always begin 14 bytes into the frame.
The RXCOE_MODE may only be changed if the ESS RX path is disabled.
0: Begin checksum calculation after first 14 bytes of Ethernet Frame
1: Begin checksum calculation at start of L3 packet by adjusting for VLAN tags and/or SNAP header.
0
RX Checksum Offload Engine Enable (RXCOE_EN). This bit enables/disables the Receive COE.
This bit may only be changed if the RX data path is disabled.
0: The RXCOE is bypassed
1: The RXCOE is enabled
Note:
When the RXCOE is enabled, automatic pad stripping must be disabled (bit 8 (PADSTR) of
the MAC_CR—MAC Control Register) and vice versa. These functions cannot be enabled
simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com