Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9211 Datasheet(PDF) 119 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 119 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 115Page - SMSC Corporation LAN9211 Datasheet HTML 116Page - SMSC Corporation LAN9211 Datasheet HTML 117Page - SMSC Corporation LAN9211 Datasheet HTML 118Page - SMSC Corporation LAN9211 Datasheet HTML 119Page - SMSC Corporation LAN9211 Datasheet HTML 120Page - SMSC Corporation LAN9211 Datasheet HTML 121Page - SMSC Corporation LAN9211 Datasheet HTML 122Page - SMSC Corporation LAN9211 Datasheet HTML 123Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9211
119
Revision 2.9 (03-01-12)
DATASHEET
5.5.4
PHY Identifier 2
5.5.5
Auto-negotiation Advertisement
Note 5.2
When both symmetric PAUSE and asymmetric PAUSE support are advertised (value of
11), the device will only be configured to, at most, one of the two settings upon auto-
negotiation completion.
Index (In Decimal):
3
Size:
16-bits
BITS
DESCRIPTION
TYPE
DEFAULT
15-10
PHY ID Number Assigned to the 19th through 24th bits of the OUI.
RO
0xC0C3h
9 - 4
Model Number. Six-bit manufacturer’s model number.
RO
3 - 0
Revision Number. Four-bit manufacturer’s revision number.
RO
Index (In Decimal):
4
Size:
16-bits
BITS
DESCRIPTION
TYPE
DEFAULT
15:14
Reserved
RO
00
13
Remote Fault. 1 = remote fault detected, 0 = no remote fault
R/W
0
12
Reserved
R/W
0
11:10
Pause Operation. (See Note 5.2)
00 No PAUSE
01 Symmetric PAUSE
10 Asymmetric PAUSE
11 Advertise support for both Symmetric PAUSE and Asymmetric PAUSE
R/W
00
9
Reserved
RO
0
8
100Base-TX Full Duplex. 1 = TX with full duplex, 0 = no TX full duplex
ability
R/W
1
7
100Base-TX. 1 = TX able, 0 = no TX ability
R/W
1
6
10Base-T Full Duplex.
1 = 10Mbps with full duplex
0 = no 10Mbps with full duplex ability
R/W
1
5
10Base-T. 1 = 10Mbps able, 0 = no 10Mbps ability
R/W
1
4:0
Selector Field. [00001] = IEEE 802.3
R/W
00001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com